Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR70-5PF Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # SR70-5PF
Description  Low Capacitance ESD array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SR70-5PF Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  SR70-5PF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SR70-5PF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SR70-5PF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SR70-5PF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SR70-5PF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
VRWM
-
70
V
Reverse Breakdown Voltage
VBR
IZ=1mA
85
V
Reverse Leakage Current
IR
VR=5V
5
uA
Forward Voltage
VF
IF=15mA
1.15
V
Clamping Voltage
VC
IPP=1A tp=8/20us
IPP=10A,tp=8/20us
IPP=24A,tp=8/20us
1.5
3.3
7
V
Junction Capacitance
C I/O-I/O
Vdc=0V,f=1MHZ
3
pf
Junction Capacitance
C I/O-GND
Vdc=0V,f=1MHZ
5
10
pf
td-Pulse Width(us)
SR70
Low Capacitance ESD array
Electrical Characteristics
Rating and characteristic curve
FIGURE 1
Non-repetitive Peak pulse power V.S pulse time
Futurewafer Technology co., Ltd
E1601F4A-STD-FW-003


Similar Part No. - SR70-5PF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SR70-02CTG LITTELFUSE-SR70-02CTG Datasheet
817Kb / 4P
   SR70 Series 70V 40A Diode Array
logo
Shanghai Leiditech Elec...
SR70-4 LEIDITECH-SR70-4 Datasheet
2Mb / 4P
   4-Line Bi-direction TVS Diode Array
logo
Protek Devices
SR70-LF-T7 PROTEC-SR70-LF-T7 Datasheet
75Kb / 3P
   STEERING DIODE ARRAY
SR70-T13 PROTEC-SR70-T13 Datasheet
75Kb / 3P
   STEERING DIODE ARRAY
SR70-T7 PROTEC-SR70-T7 Datasheet
75Kb / 3P
   STEERING DIODE ARRAY
More results

Similar Description - SR70-5PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
   Low Capacitance ESD array
SR05A FUTUREWAFER-SR05A Datasheet
862Kb / 5P
   Low Capacitance ESD array
SR70 FUTUREWAFER-SR70 Datasheet
720Kb / 5P
   Low Capacitance ESD array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
logo
STMicroelectronics
ESDALC6-4N4 STMICROELECTRONICS-ESDALC6-4N4 Datasheet
150Kb / 11P
   ESD array with low capacitance
September 2012 Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com