Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXGD3109N8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXGD3109N8
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO-8
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3109N8 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXGD3109N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3109N8 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ZXGD3109N8
Document Number DS37178 Rev. 1 - 2
6 of 13
www.diodes.com
December 2015
© Diodes Incorporated
ZXGD3109N8
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICCSTART
Supply Current (Undervoltage)
VCC = 2.6V
160
220
µA
ICCSTANDBY
Supply Current (Disabled)
VCC = 5.5V, REN/OFF = 0Ω
380
500
VCC = 12V, REN/OFF = 0Ω
450
600
ICCON
Supply Current (Enabled)
VCC = 5.5V, FSW = 100KHz
CGATE = 0pF
1.5
1.8
mA
VCC = 12V, FSW = 100KHz
CGATE = 0pF
1.8
2.3
VCC = 5.5V, FSW = 100KHz
CGATE = 3,300pF
3.2
4
VCC = 12V, FSW = 100KHz
CGATE = 3,300pF
5
7
VEN-ON
TOFF/EN Turn-on Threshold, Rising
TOFF/EN Driven, VTON > 0.6V
1.31
1.4
1.49
V
VEN-OFF
TOFF/EN Turn-off Threshold, Falling
TOFF/EN Driven,
VTON > 0.2V
0.55
0.6
0.65
IEN-START
TOFF/EN Input Current (Disabled)
RTOFF = 50kΩ
-23
-20
-17
µA
IEN-ON
TOFF/EN Input Current (Enabled)
RTOFF = 100kΩ
-11.5
-10
-8.5
Undervoltage Lockout (UVLO)
UVLOTH
VCC Undervoltage Lockout Threshold Rising
2.8
3.0
3.20
V
UVLOHYS
VCC Undervoltage Lockout Threshold
Hysteresis
200
mV
MOSFET Voltage Sensing
VTHARM
Gate Re-Arming Threshold
VD to GND, Rising
-1.3
1.5
-1.7
V
VTHON
Gate Turn-On Threshold
(VD-VS) Falling, VS = 0V
-220
-150
-80
mV
VTHOFFLV
Gate Turn-Off Threshold
(VD-VS) Rising, VS = 0V,
VCC < 4.3V
-30
-20
-10
mV
VTHOFFHV
Gate Turn-Off Threshold
(VD-VS) Rising, VS = 0V,
VCC > 4.3V
-10
-4
-1
mV
TD(ON)
Gate Turn-On Propagation Delay
From VTHON to Gate > 1V
30
52
ns
TD(OFF)
Gate Turn-Off Propagation Delay
From VTHOFF to Gate < 4V
30
62
ns
Minimum On-Time
TON-LR
Minimum On-Time Low Resistance
RTON = 8.25kΩ
0.26
0.34
0.42
µs
TON-HR
Minimum On-Time High Resistance
RTON = 100kΩ
2.2
3
3.8
µs


Similar Part No. - ZXGD3109N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3101 ZETEX-ZXGD3101 Datasheet
917Kb / 14P
   Synchronous rectifier controller for flyback converters
logo
Diodes Incorporated
ZXGD3101EV1 DIODES-ZXGD3101EV1 Datasheet
425Kb / 8P
   ZXGD3101EV1 EVALUATION BOARD USER GUIDE
ZXGD3101EV2 DIODES-ZXGD3101EV2 Datasheet
302Kb / 8P
   The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
ZXGD3101N8TC DIODES-ZXGD3101N8TC Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
More results

Similar Description - ZXGD3109N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3110N8 DIODES-ZXGD3110N8 Datasheet
708Kb / 11P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3105N8 DIODES-ZXGD3105N8_15 Datasheet
413Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
ZXGD3104N8 DIODES-ZXGD3104N8 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
logo
Micrel Semiconductor
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
   400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
logo
International Rectifier
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
logo
Diodes Incorporated
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3107N8 DIODES-ZXGD3107N8 Datasheet
601Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
286Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
DS32255 Rev. 2 - 2
ZXGD3103N8 DIODES-ZXGD3103N8_15 Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com