Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM160S1FQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDM160S1FQ
Description  1A SCHOTTKY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM160S1FQ Datasheet(HTML) 3 Page - Diodes Incorporated

  SDM160S1FQ Datasheet HTML 1Page - Diodes Incorporated SDM160S1FQ Datasheet HTML 2Page - Diodes Incorporated SDM160S1FQ Datasheet HTML 3Page - Diodes Incorporated SDM160S1FQ Datasheet HTML 4Page - Diodes Incorporated SDM160S1FQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SDM160S1FQ
Document number: DS38831 Rev. 2 - 2
3 of 5
www.diodes.com
June 2016
© Diodes Incorporated
SDM160S1FQ
0.00
0.20
0.40
0.60
0.80
1.00
1.20
25
50
75
100
125
150
175
T
A, AMBIENT TEMPERATURE (℃)
Figure 4. DC Forward Current Derating
Note 6
Note 7
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Characteristics
-55oC
25oC
85oC
100oC
125oC
150oC
175oC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
I
F, AVERAGE FORWARD CURRENT (A)
Figure 5. Forward Power Dissipation
T
J = 175
oC
1E-07
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
100
20
40
60
80
100
V
R, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 2. Typical Reverse Characteristics
-55oC
25oC
85oC
100oC
125oC
175oC
150oC
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
R, REVERSE VOLTAGE (V)
Figure 3. Typical Junction Capacitance
f=1MHz


Similar Part No. - SDM160S1FQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM160S1F DIODES-SDM160S1F Datasheet
395Kb / 5P
   Guard Ring Die Construction for Transient Protection
SDM160S1F-7 DIODES-SDM160S1F-7 Datasheet
395Kb / 5P
   Guard Ring Die Construction for Transient Protection
More results

Similar Description - SDM160S1FQ

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR170 DIGITRON-MBR170 Datasheet
438Kb / 2P
   1A SCHOTTKY RECTIFIERS
MBR150 DIGITRON-MBR150 Datasheet
203Kb / 3P
   1A SCHOTTKY RECTIFIER
MUR170E DIGITRON-MUR170E Datasheet
177Kb / 3P
   1A SCHOTTKY RECTIFIER
MUR105 DIGITRON-MUR105 Datasheet
205Kb / 3P
   1A SCHOTTKY RECTIFIER
logo
Frontier Electronics.
SR1150 FRONTIER-SR1150 Datasheet
439Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SS12 LRC-SS12 Datasheet
68Kb / 2P
   1A SCHOTTKY SMA DIODES
logo
Silicon Standard Corp.
SB120 SSC-SB120 Datasheet
333Kb / 2P
   1A Schottky Barrier Rectifiers
logo
Diodes Incorporated
SDM1100LP DIODES-SDM1100LP Datasheet
438Kb / 5P
   1A SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
1N5817 TAITRON-1N5817 Datasheet
184Kb / 4P
   1A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR102 FRONTIER-SR102 Datasheet
127Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com