Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4946EY Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI4946EY
Description  Dual N-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4946EY Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si4946EY
Vishay Siliconix
Document Number: 70157
S-03950—Rev. D, 26-May-03
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Crss
0
6
12
18
24
30
0
1234
5
0
2
4
6
8
10
04
8
12
16
20
0.4
0.7
1.0
1.3
1.6
1.9
2.2
- 50
- 25
0
25
50
75
100
125
150
175
0.000
0.025
0.050
0.075
0.100
0.125
0.150
0
6
12
18
24
30
0
200
400
600
800
1000
1200
1400
0
12243648
60
0
6
12
18
24
30
0
123
456
VGS = 10 thru 5 V
4 V
VGS = 10 V
VDS = 30 V
ID = 4.5 A
VGS = 10 V
ID = 4.5 A
Coss
Ciss
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
150
_C
TC = - 55_C
25
_C
VGS = 4.5 V
3 V


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn