Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30E45CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR30E45CT
Description  30A SBR SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30E45CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR30E45CT Datasheet HTML 1Page - Diodes Incorporated SBR30E45CT Datasheet HTML 2Page - Diodes Incorporated SBR30E45CT Datasheet HTML 3Page - Diodes Incorporated SBR30E45CT Datasheet HTML 4Page - Diodes Incorporated SBR30E45CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30E45CT
Document number: DS37816 Rev. 2 - 2
2 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR30E45CT
Maximum Ratings (Per Leg) (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current Per Device
(Per Leg)
(Total)
IO
15
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
250
A
Parameter
Symbol
Value
Unit
Human Body Model ESD Protection
ESD HBM
8
kV
Machine Model ESD Protection
ESD MM
400
V
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Typical Thermal Resistance (Per Leg)
Thermal Resistance Junction to Case (Note 5)
Thermal Resistance Junction to Ambient (Note 5)
RθJC
RθJA
2
7
°C/W
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
0.47
-
0.55
0.52
0.66
V
IF = 15A, TJ = +25°C
IF = 15A, TJ = +125°C
IF = 30A, TJ = +25°C
Leakage Current (Note 6)
IR
-
-
0.48
100
mA
VR = 45V, TJ = +25°C
VR = 45V, TJ = +125°C
Notes:
5. Test with Aluminum heatsink 50×50×23mm.
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - SBR30E45CT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SBR30E45CTB ISC-SBR30E45CTB Datasheet
275Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SBR30E45CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A100CT DIODES-SBR30A100CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
SBR30200CT DIODES-SBR30200CT Datasheet
177Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
SBR3040CT DIODES-SBR3040CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR3040 Rev. 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30M100CT DIODES-SBR30M100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30M100 Rev. 2
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
SBR30A120CTE DIODES-SBR30A120CTE Datasheet
344Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A40CT DIODES-SBR30A40CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A40 Rev. 2
SBR30A150CT DIODES-SBR30A150CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A150 Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com