Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4925BDY Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI4925BDY
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4925BDY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4925BDY Datasheet HTML 1Page - Vishay Siliconix SI4925BDY Datasheet HTML 2Page - Vishay Siliconix SI4925BDY Datasheet HTML 3Page - Vishay Siliconix SI4925BDY Datasheet HTML 4Page - Vishay Siliconix SI4925BDY Datasheet HTML 5Page - Vishay Siliconix SI4925BDY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si4925BDY
Vishay Siliconix
www.vishay.com
2
Document Number: 72001
S-50366—Rev. C, 28-Feb-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1
−3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −30 V, VGS = 0 V, TJ = 55_C
−25
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −10 V
−40
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −7.1 A
0.020
0.025
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −4.5 V, ID = −5.5 A
0.033
0.041
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −7.1 A
20
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
33
50
Gate-Source Charge
Qgs
VDS = −15 V, VGS = −10 V, ID = −7.1 A
5.4
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
8.9
Turn-On Delay Time
td(on)
9
15
Rise Time
tr
VDD = −15 V, RL = 15 W
12
20
Turn-Off Delay Time
td(off)
VDD = −15 V, RL = 15 W
ID ^ −1 A, VGEN = −10 V, RG = 6 W
60
90
ns
Fall Time
tf
34
50
ns
Source-Drain Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
0
1234
5
0
10
20
30
40
0
1234
5
VGS = 10 thru 5 V
TC = −55_C
125_C
4 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
3, 2 V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn