Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FESD3V3B-15PF Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # FESD3V3B-15PF
Description  Low capacitance ESD protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FESD3V3B-15PF Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  FESD3V3B-15PF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FESD3V3B-15PF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FESD3V3B-15PF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering information
Marking codes
Part No.
Marking Code
FESD3V3B
V3
Quantity
3,000pcs
V3
Futurewafer Technology co.,Ltd 台灣未來芯航電股份有限公司
Tel :+886-3-3573583
Futurewafer.com.tw
桃園市桃園區中正路
987 巷 50 弄 2 號
Electrical Characteristics (T=25°C)
Low capacitance ESD protection
FESD3V3B
STD-A 2016-01
Futurewafer Technology Co.,Ltd


Similar Part No. - FESD3V3B-15PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD3V3B FUTUREWAFER-FESD3V3B Datasheet
546Kb / 3P
   Low capacitance ESD protection
More results

Similar Description - FESD3V3B-15PF

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
   Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
   Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
   Low Capacitance ESD Protection
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
   Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
   Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
   Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
   Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FESD3V3B FUTUREWAFER-FESD3V3B Datasheet
546Kb / 3P
   Low capacitance ESD protection
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
   Low Capacitance ESD Protection
logo
Shanghai Leiditech Elec...
PESD9B18VU LEIDITECH-PESD9B18VU Datasheet
1Mb / 5P
   Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
   Low Capacitance ESD Protection
February 9,2017-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com