Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCSA1-S12-S15-S Datasheet(PDF) 6 Page - CUI INC

Part # PCSA1-S12-S15-S
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCSA1-S12-S15-S Datasheet(HTML) 6 Page - CUI INC

  PCSA1-S12-S15-S Datasheet HTML 1Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 2Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 3Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 4Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 5Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 6Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 7Page - CUI INC PCSA1-S12-S15-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
date 07/26/2016
│ page 6 of 8
CUI Inc
│ SERIES: PCSA1-S │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
Figure 1 Measuring Input Ripple Current
Table 1
Input
Voltage
(Vdc)
L1
C1
C2
5
12 µH
2.2 µF tantalum
capacitor
NC
12
12 µH
2.2 µF tantalum
capacitor
NC
24
12 µH
4.7 µF ceramic
capacitor
NC
C1
C2
L1
To Oscilloscope
+Vin
-Vin
+Vo
-Vo
R-Load
Vin
+
-
Figure 2 Measuring Output Ripple And Noise
+Vin
-Vin
-Vo
+Vo
R-Load
Cext
0.33 µF Ceramic
Vin
+
-
BNC
To Scope
Cin
1.50
1.50
0.3
0.60
6.70
PACKAGING
units: mm
Tube size: 17.2 x 9 x 340 mm
QTY: 26 pcs
5, 12 Vdc input models
24 Vdc input models
units: mm
Tube size: 20 x 11 x 340 mm
QTY: 26 pcs
Table 2
Input
Voltage
(Vdc)
Cin
5
2.2 µF ceramic capacitor
12
2.2 µF ceramic capacitor
24
4.7 µF ceramic capacitor
For more information, please visit the product page.


Similar Part No. - PCSA1-S12-S15-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCSA1-S12-S15-S CUI-PCSA1-S12-S15-S Datasheet
816Kb / 8P
   DC-DC CONVERTER
PCSA1-S12-S15-S CUI-PCSA1-S12-S15-S Datasheet
2Mb / 8P
   DC-DC CONVERTER
06/29/2021
More results

Similar Description - PCSA1-S12-S15-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com