Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN2-S5-S5-S Datasheet(PDF) 6 Page - CUI INC

Part # PCN2-S5-S5-S
Description  DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN2-S5-S5-S Datasheet(HTML) 6 Page - CUI INC

Back Button PCN2-S5-S5-S Datasheet HTML 2Page - CUI INC PCN2-S5-S5-S Datasheet HTML 3Page - CUI INC PCN2-S5-S5-S Datasheet HTML 4Page - CUI INC PCN2-S5-S5-S Datasheet HTML 5Page - CUI INC PCN2-S5-S5-S Datasheet HTML 6Page - CUI INC PCN2-S5-S5-S Datasheet HTML 7Page - CUI INC PCN2-S5-S5-S Datasheet HTML 8Page - CUI INC PCN2-S5-S5-S Datasheet HTML 9Page - CUI INC PCN2-S5-S5-S Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
cui.com
date 07/26/2016
│ page 6 of 10
CUI Inc
│ SERIES: PCN2-S │ DESCRIPTION: DC-DC CONVERTER
EFFICIENCY CURVES (CONTINUED)
10.8 Vdc
12 Vdc
13.2 Vdc
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Load Current (%)
PCN2-S12-D15-S Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
21.6 Vdc
24 Vdc
26.4 Vdc
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Load Current (%)
PCN2-S24-S5-S Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
21.6 Vdc
24 Vdc
26.4 Vdc
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Load Current (%)
PCN2-S24-S12-S Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
21.6 Vdc
24 Vdc
26.4 Vdc
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Load Current (%)
PCN2-S24-S15-S Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
10.8 Vdc
12 Vdc
13.2 Vdc
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Load Current (%)
PCN2-S12-D12-S Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
21.6 Vdc
24 Vdc
26.4 Vdc
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Load Current (%)
PCN2-S24-D5-S Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
For more information, please visit the product page.


Similar Part No. - PCN2-S5-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN2-S5-S5-S CUI-PCN2-S5-S5-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S5-S5-S CUI-PCN2-S5-S5-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - PCN2-S5-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com