Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1551DL Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1551DL
Description  Complementary 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1551DL Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1551DL Datasheet HTML 1Page - Vishay Siliconix SI1551DL Datasheet HTML 2Page - Vishay Siliconix SI1551DL Datasheet HTML 3Page - Vishay Siliconix SI1551DL Datasheet HTML 4Page - Vishay Siliconix SI1551DL Datasheet HTML 5Page - Vishay Siliconix SI1551DL Datasheet HTML 6Page - Vishay Siliconix SI1551DL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si1551DL
Vishay Siliconix
www.vishay.com
6
Document Number: 71255
S-21374—Rev. B, 12-Aug-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P−CHANNEL
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VDS = 10 V
ID = 0.41 A
VGS = 4.5 V
ID = 0.41 A
Gate Charge
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1234
5
TJ = 150_C
TJ = 25_C
ID = 0.41 A
1
0.1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
3
5
1
2
Single Pulse Power
Time (sec)
4
1
100
600
10
10-1
10-2
10-3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ - Temperature (_C)


Similar Part No. - SI1551DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1551DL VISHAY-SI1551DL Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
SI1551DL VISHAY-SI1551DL Datasheet
133Kb / 8P
   Complementary 20 V (D-S) MOSFET
01-Jan-2022
SI1551DL-T1 VISHAY-SI1551DL-T1 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
More results

Similar Description - SI1551DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI5515DC VISHAY-SI5515DC Datasheet
82Kb / 8P
   Complementary 20-V (D-S) MOSFET
Rev. B, 14-Jun-04
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com