Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN15T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP303LSN15T1G
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN15T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP303LSN15T1G Datasheet HTML 4Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 5Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 6Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 7Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 8Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 9Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 10Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 11Page - ON Semiconductor NCP303LSN15T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP302, NCP303
http://onsemi.com
8
Table 1. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Detector Threshold
Supply Current
Nch Sink Current
Pch
So rce
NCP302 Series
Detector Threshold
Detector Threshold
Hysteresis
Vin Low
Vin High
Vin Low
Vin High
Source
Current
VDET− (V)
VHYS (V)
Iin
(
mA) (1)
Iin
(
mA) (2)
IOUT
(mA) (3)
IOUT
(mA) (4)
IOUT
(mA) (5)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP302LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.3
0.5
0.05
0.5
2.0
NCP302LSN10T1
0.980
1.0
1.020
0.030
0.050
0.070
NCP302LSN11T1
1.078
1.1
1.122
0.033
0.055
0.077
1.0
NCP302LSN12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP302LSN13T1
1.274
1.3
1.326
0.039
0.065
0.091
NCP302LSN14T1
1.372
1.4
1.428
0.042
0.070
0.098
NCP302LSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP302LSN16T1
1.568
1.6
1.632
0.048
0.080
0.112
2.0
NCP302LSN17T1
1.666
1.7
1.734
0.051
0.085
0.119
NCP302LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP302LSN19T1
1.862
1.9
1.938
0.057
0.095
0.133
NCP302LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP302LSN21T1
2.058
2.1
2.142
0.063
0.105
0.147
NCP302LSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP302LSN23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP302LSN24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP302LSN25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP302LSN26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP302LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP302LSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP302LSN29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP302LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP302LSN31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP302LSN32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP302LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP302LSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP302LSN35T1
3.430
3.5
3.570
0.105
0.175
0.245
NCP302LSN36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP302LSN37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP302LSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP302LSN39T1
3.822
3.9
3.978
0.117
0.195
0.273
NCP302LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
0.4
0.6
3.0
NCP302LSN41T1
4.018
4.1
4.182
0.123
0.205
0.287
NCP302LSN42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP302LSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP302LSN44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP302LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP302LSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP302LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
NCP302LSN48T1
4.704
4.8
4.896
0.144
0.240
0.336
NCP302LSN49T1
4.802
4.9
4.998
0.147
0.245
0.343
3. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V
4. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V
5. Condition 3: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
6. Condition 4: 0.9 — 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices
7. Condition 5: 0.9 — 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 — 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices


Similar Part No. - NCP303LSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN15T1G ONSEMI-NCP303LSN15T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN15T1G ONSEMI-NCP303LSN15T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com