Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-8MS-OME-1 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # ET-8MS-OME-1
Description  8 Port OEM Industrial Ethernet Switchsolutions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ET-8MS-OME-1 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  ET-8MS-OME-1 Datasheet HTML 1Page - Red Lion Controls. Inc ET-8MS-OME-1 Datasheet HTML 2Page - Red Lion Controls. Inc ET-8MS-OME-1 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ET-8MS-OEM Industrial Ethernet Switch Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0175 102813 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
solutions for your industrial networking challenges
www.sixnet.com
Sixnet Technology Park
331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
Datasheet ET-8MS-OEM
Rev: 11 Sept, 2009
3.55" [90.2mm]
Per Port led (-1 model)
10/100 ethernet connectors (-1 model)
0
1
2
3
4
5
6
7
Power connector
(-1 model)
usB connectors
(-1 model)
0
rs232 connector
(-1 model)
led serial interface connector (-1 model)
Board to Board connectors
(-1 and -2 model)
Bottom
View
side
View
top
View
0.06" [1.6mm]
0.19" [4.9mm]
0.66" [16.7mm]
0.47" [11.8mm]
1
2
3
4
5
6
7
standard
Pc/104
footprint
2.90" [73.7mm]
et-8ms-oem
8+ PORT OEM INDUSTRIAL ETHERNET MANAGED SWITCH SPECIFICATIONS
ETHERNET PERFORMANCE
n
Managed switch
n
Store & forward wire-speed switching
n
Automatic address learning, aging and migration
n
Full duplex operation with flow control (no collisions)
n
All IEEE 802.3 Ethernet protocols supported
n
8192 MAC addresses supported
n
Memory bandwidth 32 Gbps
n
Typical latency (varies on load)
p
@ 100 Mbps: 5 µs + frame time
p
@ 10 Mbps: 16 µs + frame time
n
Ethernet isolation 1500 VRMS 1 minute
ETHERNET PORTS
n
10 possible Ethernet ports total
n
8 fast Ethernet with on-board PHYs and magnetics;
available through board-to-board or wire connectors
n
2 Gigabit Ethernet (require external PHYs and
magnetics);
available
through
board-to-board
connector
n
1 MII port (shared with 1 Gigabit port above) for interface
to an external CPU or PHY or fiber optic transceiver;
available through board-to-board connector
n
Ports support plug and play operation
p
Auto-negotiation for 10 or 100 Mbps
p
Auto-MDI/MDIX-crossover for either cable type
p
Auto-polarity corrects for crossed +/- signals
All specifications are subject to change. Consult factory for latest info.
MECHANICAL DRAWING
ORDERING GUIDE
et-8ms-oem-1
OEM switch with all connectors
et-8ms-oem-2
OEM switch with board-to-board
connectors only (bottom of board)
A test fixture is also available. Contact Sixnet for details.
ETHERNET COMPLIANCE
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3z (Gigabit Ethernet 1000Mbps)
n
IEEE 802.3x (Full-Duplex with Flow Control)
n
IEEE 802.1D/w, 802.1p, 802.1Q and much more
POWER INPUT
n
Power input voltage: 3.3 or 5.0 VDC (regulated)
n
Input power (typ. 8 ports active at 100 Mbps) 4 W
ENVIRONMENTAL
n
Operating temperature: -40 to +75°C (cold startup at -40)
n
Storage temperature: -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH
n
Vibration and shock: IEC68-2-6, -2-27 and -2-32
STANDARDS COMPLIANCE
n
Electrical safety - EN61010-1
n
EMC - FCC part 15, ICES-003; EN61000-6-4, -2
n
RoHS and WEEE compliant
n
ISO9001:2000 certified company
PHYSICAL
n
Weight – 4 oz. (0.11 kg)
n
Dimensions – 3.55 x 3.78” (9.0 x 9.6 cm)


Similar Part No. - ET-8MS-OME-1

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-8MS-OEM-1 REDLION-ET-8MS-OEM-1 Datasheet
1Mb / 3P
   ET-8MS-OEM Industrial Ethernet Switch
More results

Similar Description - ET-8MS-OME-1

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-5MS-OEM REDLION-ET-5MS-OEM Datasheet
1Mb / 2P
   OEM Industrial Ethernet Managed Switchsolutions
EK32 REDLION-EK32 Datasheet
984Kb / 2P
   32 Port Industrial Ethernet Switchsolutions
EK26 REDLION-EK26 Datasheet
797Kb / 2P
   26 Port Industrial Ethernet Switchsolutions
ET-8MG-OEM REDLION-ET-8MG-OEM Datasheet
477Kb / 2P
   OEM Industrial All-Gigabit Ethernet Switch
ET-8MS-OEM-1 REDLION-ET-8MS-OEM-1 Datasheet
1Mb / 3P
   ET-8MS-OEM Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2528I-BE ADVANTECH-EKI-2528I-BE Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
logo
Moxa Inc.
SDS-3008 MOXA-SDS-3008 Datasheet
746Kb / 4P
   Industrial 8-port smart Ethernet switches
logo
ORing Industrial Networ...
IES-180-L ORING-IES-180-L Datasheet
757Kb / 3P
   Industrial 8-port unmanaged Ethernet switch
logo
Advantech Co., Ltd.
EKI-2528-BE ADVANTECH-EKI-2528-BE Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
EKI-2528-AE ADVANTECH-EKI-2528-AE Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com