Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1031R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1031R
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1031R Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1031R Datasheet HTML 1Page - Vishay Siliconix SI1031R Datasheet HTML 2Page - Vishay Siliconix SI1031R Datasheet HTML 3Page - Vishay Siliconix SI1031R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5−V Rated
Si1031R/X
Vishay Siliconix
New Product
Document Number: 71171
S-31507—Rev. B, 14-Jul-03
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (mA)
8 @ VGS = -4.5 V
- 150
- 20
12 @ VGS = -2.5 V
- 125
- 20
15 @ VGS = -1.8 V
- 100
20 @ VGS = -1.5 V
-30
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 8 W
D Low Threshold: 0.9 V (typ)
D Fast Switching Speed: 45 ns
D 1.8-V Operation
D Gate-Source ESD Protection
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
D Drivers: Relays, Solenoids, Lamps,
Hammers, Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
SC-75A (SOT - 416): Si1031R
SC-89 (SOT - 490): Si1031X
Top View
2
1
S
D
G
3
Marking Code: H
SC-75A or SC-89
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Si1031R
Si1031X
Parameter
Symbol
5 secs
Steady State
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
"6
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
- 150
- 140
- 165
- 155
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
-110
- 100
- 150
- 125
mA
Pulsed Drain Currenta
IDM
- 500
- 600
mA
Continuous Source Current (diode conduction)a
IS
- 250
- 200
- 340
- 240
Maximum Power Dissipationa
TA = 25_C
PD
280
250
340
300
mW
Maximum Power Dissipationa
TA = 85_C
PD
145
130
170
150
mW
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
a.
Surface Mounted on FR4 Board.


Similar Part No. - SI1031R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1031R VISHAY-SI1031R Datasheet
104Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 07-Jul-08
SI1031R VISHAY-SI1031R Datasheet
135Kb / 7P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1031R-T1-E3 VISHAY-SI1031R-T1-E3 Datasheet
104Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 07-Jul-08
SI1031R-T1-GE3 VISHAY-SI1031R-T1-GE3 Datasheet
104Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 07-Jul-08
SI1031R/X VISHAY-SI1031R/X Datasheet
134Kb / 7P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1031R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com