Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR3U60P5-7D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR3U60P5-7D
Description  3A SBR SUPER BARRIER RECTIFIER PowerDI5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3U60P5-7D Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR3U60P5-7D Datasheet HTML 1Page - Diodes Incorporated SBR3U60P5-7D Datasheet HTML 2Page - Diodes Incorporated SBR3U60P5-7D Datasheet HTML 3Page - Diodes Incorporated SBR3U60P5-7D Datasheet HTML 4Page - Diodes Incorporated SBR3U60P5-7D Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR3U60P5
Document number: DS37733 Rev. 4 - 2
1 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR3U60P5
SBR and POWERDI are registered trademarks of Diodes Incorporated.
3A SBR
SUPER BARRIER RECTIFIER
PowerDI5
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
@ +25°C
IR Max (mA)
@ +25°C
60
3
0.60
0.06
Description & Applications
Packaged in the compact thermally efficient PowerDI5 package, the
SBR3U60P5 provides low VF and low reverse leakage at high
temperatures. It is ideal for use in the following applications:
Bridge Diodes
Freewheeling Diodes
Blocking Diodes
Reverse Protection Diodes
Features and Benefits
Very Low Forward Voltage Drop
Excellent High Temperature Stability
Patented SBR
®
technology provides a superior avalanche
capability than Schottky diodes ensuring more rugged and reliable
end applications.
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (SBR3U60P5Q)
Mechanical Data
Case: PowerDI5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Weight: 0.093 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
SBR3U60P5-13
Commercial
PowerDI5
5,000/Tape & Reel
SBR3U60P5-13D (Note 5)
Commercial
PowerDI5
5,000/Tape & Reel
SBR3U60P5-7 (Note 5)
Commercial
PowerDI5
1,500/Tape & Reel
SBR3U60P5-7D (Note 5)
Commercial
PowerDI5
1,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. PowerDI5 available in 5K quantity on 13-inch reel & 12mm tape, part number suffix “13D”; 1.5K quantity on 7-inch reel, part number suffix “7”.
Diodes also provides 12mm tape with 7-inch reel, part number suffix “7D”.
Marking Information
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
Bottom View
Top View
PowerDI5
Green
YYWWK
S3U60
= Manufacturers’ Marking
S3U60 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 15 = 2015)
WW = Week Code (01 to 53)
K = Factory Designator
PowerDI5


Similar Part No. - SBR3U60P5-7D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5Q DIODES-SBR3U60P5Q Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-13 DIODES-SBR3U60P5Q-13 Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-13D DIODES-SBR3U60P5Q-13D Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-7 DIODES-SBR3U60P5Q-7 Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-7D DIODES-SBR3U60P5Q-7D Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
More results

Similar Description - SBR3U60P5-7D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5Q DIODES-SBR3U60P5Q Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR8E20P5 DIODES-SBR8E20P5 Datasheet
447Kb / 5P
   8A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR10U200P5Q DIODES-SBR10U200P5Q Datasheet
539Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR15A30SP5 DIODES-SBR15A30SP5 Datasheet
796Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
April 2022
SBR10M100P5Q DIODES-SBR10M100P5Q Datasheet
497Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR15U30SP5Q DIODES-SBR15U30SP5Q Datasheet
558Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
January 2018
SBR12U100P5Q DIODES-SBR12U100P5Q Datasheet
682Kb / 6P
   12A SBR SUPER BARRIER RECTIFIER POWERDI5
August 2022
SBR8U60P5Q DIODES-SBR8U60P5Q Datasheet
529Kb / 6P
   8A SBR SUPER BARRIER RECTIFIER PowerDI5
May 2019
logo
Shenzhen Luguang Electr...
SBR10U45SP5 LUGUANG-SBR10U45SP5 Datasheet
135Kb / 2P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
logo
Diodes Incorporated
SBR10U45SP5Q DIODES-SBR10U45SP5Q Datasheet
771Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
September 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com