Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR3U60P5 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR3U60P5
Description  3A SBR SUPER BARRIER RECTIFIER PowerDI5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3U60P5 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR3U60P5 Datasheet HTML 1Page - Diodes Incorporated SBR3U60P5 Datasheet HTML 2Page - Diodes Incorporated SBR3U60P5 Datasheet HTML 3Page - Diodes Incorporated SBR3U60P5 Datasheet HTML 4Page - Diodes Incorporated SBR3U60P5 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR3U60P5
Document number: DS37733 Rev. 4 - 2
4 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR3U60P5
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI5
Dim
Min
Max
Typ
A
1.05
1.15
1.10
A1
0.00
0.05
--
A2
0.33
0.43
0.381
b1
0.80
0.99
0.89
b2
1.70
1.88
1.78
D
3.90
4.05
3.966
D2
--
--
3.054
E
6.40
6.60
6.504
e
--
--
1.84
E1
5.30
5.45
5.37
E2
--
--
3.549
L
0.75
0.95
0.85
L1
0.50
0.65
0.57
W
1.10
1.41
1.255
All Dimensions in mm
Dimensions
Value (in mm)
C
1.840
G
0.852
X
1.390
X1
3.360
Y
1.400
Y1
4.860
PowerDI5
PowerDI5
E
E/2
E1
E1/2
D
A
A1
L1
W
A2
2X b1
b2
L
D2
E2
L
L1
e
X
Y
C
X1
Y1
G


Similar Part No. - SBR3U60P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5Q DIODES-SBR3U60P5Q Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-13 DIODES-SBR3U60P5Q-13 Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-13D DIODES-SBR3U60P5Q-13D Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-7 DIODES-SBR3U60P5Q-7 Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR3U60P5Q-7D DIODES-SBR3U60P5Q-7D Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
More results

Similar Description - SBR3U60P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3U60P5Q DIODES-SBR3U60P5Q Datasheet
247Kb / 5P
   3A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR8E20P5 DIODES-SBR8E20P5 Datasheet
447Kb / 5P
   8A SBR SUPER BARRIER RECTIFIER PowerDI5
SBR10U200P5Q DIODES-SBR10U200P5Q Datasheet
539Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR15A30SP5 DIODES-SBR15A30SP5 Datasheet
796Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
April 2022
SBR10M100P5Q DIODES-SBR10M100P5Q Datasheet
497Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
February 2021
SBR15U30SP5Q DIODES-SBR15U30SP5Q Datasheet
558Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER PowerDI5
January 2018
SBR12U100P5Q DIODES-SBR12U100P5Q Datasheet
682Kb / 6P
   12A SBR SUPER BARRIER RECTIFIER POWERDI5
August 2022
SBR8U60P5Q DIODES-SBR8U60P5Q Datasheet
529Kb / 6P
   8A SBR SUPER BARRIER RECTIFIER PowerDI5
May 2019
logo
Shenzhen Luguang Electr...
SBR10U45SP5 LUGUANG-SBR10U45SP5 Datasheet
135Kb / 2P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
logo
Diodes Incorporated
SBR10U45SP5Q DIODES-SBR10U45SP5Q Datasheet
771Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER PowerDI5
September 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com