Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1204FL Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # RS1204FL
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

RS1204FL Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  RS1204FL Datasheet HTML 1Page - GOOD-ARK Electronics RS1204FL Datasheet HTML 2Page - GOOD-ARK Electronics RS1204FL Datasheet HTML 3Page - GOOD-ARK Electronics RS1204FL Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RS12005FL thru RS1210FL
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.2A
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer
’s application; they do not convey any
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-
Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party
’ s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of these
materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice
due to product improvements or other reasons. It is therefore recommended that customers
contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics
Co., Ltd. for the latest product information before purchasing a product listed herein. The
information described here may contain technical inaccuracies or typographical errors. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other loss
rising from these inaccuracies or errors. Please also pay attention to information published by
Suzhou Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a
total system before making a final decision on the applicability of the information and products.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or
other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
Disclaimers
www.goodark.com
4/4
2014.02-Rev.B


Similar Part No. - RS1204FL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS12005FL GOOD-ARK-RS12005FL_15 Datasheet
213Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1.2A
logo
Vishay Barry
RS1206AS-1000FN-90 BARRY-RS1206AS-1000FN-90 Datasheet
145Kb / 2P
   350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206AS-1000FN-90TRD BARRY-RS1206AS-1000FN-90TRD Datasheet
145Kb / 2P
   350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206AS-1000FN-90WP BARRY-RS1206AS-1000FN-90WP Datasheet
145Kb / 2P
   350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
RS1206AS-1000FN-91 BARRY-RS1206AS-1000FN-91 Datasheet
146Kb / 2P
   350mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 28 2021
More results

Similar Description - RS1204FL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com