Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R12B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # R12B
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

R12B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  R12B Datasheet HTML 1Page - GOOD-ARK Electronics R12B Datasheet HTML 2Page - GOOD-ARK Electronics R12B Datasheet HTML 3Page - GOOD-ARK Electronics R12B Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R12A thru R12M
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.2A
Features
• Glass passivated Fast Recovery rectifiers
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
TJ,
TSTG
°C
Maximum
instantaneous forward
voltage
1 .2A
VF
Volts
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
juntion to mount
RθJM
juntion to ambient
RθJA
juntion to case
RθJC
Note1):Mounted on PCB with 5.0×5.0mm copper pads,2 OZ,FR4 PCB;
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
R12A
R12B
R12D
R12G
R12J
R12K
R12M
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current
1.2
Unit
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated
load
50
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
R12A
R12B
R12D
R12G
R12J
R12K
R12M
nS
1.3
Maximum DC reverse
current at rated DC
blocking voltage
IR
5
µA
50
Maximum reverse
recovery time
trr
150
250
500
7.5
Typical thermal
resistance1)
3.3
℃/W
67
25
eSGA
(SOD-123FL)
www.goodark.com
1/4
2015.11-Rev.A


Similar Part No. - R12B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R12B05 RECOM-R12B05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
R12B09 RECOM-R12B09 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
R12B12 RECOM-R12B12 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
R12B15 RECOM-R12B15 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
More results

Similar Description - R12B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com