Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PF153 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part No. PF153
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

PF153 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PF151 thru PF157
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.5A
Features
• Glass passivated fast recovery rectifiers
• Heatsink structure
• Low profile, typical thickness 0.8mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device, power
supplies and other consumer applications.
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=100uA
VBR
600
Maximum instantaneous
forward voltage
IF=1.5 A,TA=25℃
VF
TA=25
TA=125
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
250
150
℃/W
10
35
Maximum reverse recovery
time
trr
Typical thermal resistance
60
nS
7.5
PF157
Unit
1.3
400
1000
V
Maximum DC reverse current
at rated DC blocking voltage
IR
5.0
µA
100
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
PF151 PF152 PF153 PF154 PF155 PF156
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
52
Rating for fusing(t<8.3ms)
11.3
Operating junction and storage temperature range
- 55 to + 150
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.5
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol PF151 PF152 PF153 PF154 PF155 PF156 PF157 Unit
iSGA
(SOD-123HS)
www.goodark.com
1/4
2016.05-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn