Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PF153 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part No. PF153
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

PF153 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PF151 thru PF157
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.5A
Package Outline Dimensions
Packing Information
Packing quantities:
Packing Tape Specification
Soldering footprint
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
30K
120K
Package
Unit:mm
MIN
MAX
A
0.75
0.90
B
0.85
1.05
B1
0.85
1.05
C
0.1
0.25
D
1.9
2.1
E
2.9
3.1
L1
2.0
2.45
L2
0.4
0.85
L3
1.3
1.7
HE
3.5
3.9
iSGA
www.goodark.com
3/4
2016.05-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn