Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PF152 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part No. PF152
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

PF152 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PF151 thru PF157
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.5A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Instantaneous Forward
Characteristics
Figure 5. Typical Junction Capacitance
www.goodark.com
2/4
2016.05-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn