Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PF152 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part No. PF152
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOOD-ARK [GOOD-ARK Electronics]
Homepage  http://www.goodark.com
Logo 

PF152 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PF151 thru PF157
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1.5A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer
’ s application; they do not convey any
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-Ark
Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party
’ s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs
and algorithms represents information on products at the time of publication of these materials,
and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to
product improvements or other reasons. It is therefore recommended that customers contact
Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd.
for the latest product information before purchasing a product listed herein. The information
described here may contain technical inaccuracies or typographical errors. Suzhou Good-Ark
Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other loss rising from
these inaccuracies or errors. Please also pay attention to information published by Suzhou
Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or
other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
4/4
2016.05-Rev.A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn