Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P154A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # P154A
Description  Surface Mount Glass Passivated Standard Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P154A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  P154A Datasheet HTML 1Page - GOOD-ARK Electronics P154A Datasheet HTML 2Page - GOOD-ARK Electronics P154A Datasheet HTML 3Page - GOOD-ARK Electronics P154A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P151A thru P157A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 1.5A
Package Outline Dimensions
Packing Information
Packing quantities:
Tape & Reel Specification
Soldering footprint
Package
Unit:mm
MIN
MAX
A
0.75
0.90
B
0.85
1.05
B1
0.85
1.05
C
0.1
0.25
D
1.9
2.1
E
2.9
3.1
L1
2.0
2.45
L2
0.4
0.85
L3
1.3
1.7
HE
3.5
3.9
iSGA
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
30K
120K
www.goodark.com
3/4
2016.03-Rev.A


Similar Part No. - P154A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P154 ETC2-P154 Datasheet
203Kb / 1P
   SSMP MALE, DETENT, STRAIGHT SOLDER IN HERMETIC
logo
Tripp Lite. All Rights ...
P154-000 TRIPPLITE-P154-000 Datasheet
160Kb / 2P
   Compact/Slimline DB25 Coupler Gender Changer (F/F)
logo
List of Unclassifed Man...
P154-4 ETC2-P154-4 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
P154-4 ETC2-P154-4 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
logo
Tripp Lite. All Rights ...
P154000 TRIPPLITE-P154000 Datasheet
476Kb / 2P
   Compact-Slimline DB25 Coupler Gender Changer (F-F)
More results

Similar Description - P154A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com