Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9808-49CV Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9808-49CV
Description  MICRO POWER VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9808-49CV Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9808-49CV Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9808-49CV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
RT9808
DS9808-01 January 2002
www.richtek-ic.com.tw
5
Typical Operating Characteristics
Nch Driver Output Current vs. VDS
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
VDS (V)
1.7V
1.5V
TA = 25°C
RT9808-20CV
Nch Driver Output Current vs. VDS
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
VDS (V)
2.2V
2.0V
1.5V
TA = 25°C
RT9808-24CV
Nch Driver Output Current vs. VDS
0
3
6
9
12
15
18
0
0.5
1
1.5
2
2.5
3
VDS (V)
1.5V
2.0V
2.8V
TA = 25°C
RT9808-30CV
Nch Driver Output Current vs. VDS
0
6
12
18
24
30
36
01
234
VDS (V)
2.0V
2.5V
4.0V
3.5V
3.0V
1.5V
TA = 25°C
RT9808-45CV
Nch Driver output Current vs. VDS
0
8
16
24
32
40
01
2345
VDS (V)
2.0V
2.5V
4.0V
3.5V
3.0V
1.5V
4.5V
TA = 25°C
RT9808-50CV
Output Voltage vs. Input Voltage
0
1
2
3
4
5
6
7
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
2.0V
2.4V
4.5V
3.0V
5.0V
TA = 25°C


Similar Part No. - RT9808-49CV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801ACE RICHTEK-RT9801ACE Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801AGE RICHTEK-RT9801AGE Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
More results

Similar Description - RT9808-49CV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com