Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1L9223B01 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1L9223B01
Description  RF AMP & SERVO SIGNAL PROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1L9223B01 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1L9223B01 Datasheet HTML 2Page - Samsung semiconductor S1L9223B01 Datasheet HTML 3Page - Samsung semiconductor S1L9223B01 Datasheet HTML 4Page - Samsung semiconductor S1L9223B01 Datasheet HTML 5Page - Samsung semiconductor S1L9223B01 Datasheet HTML 6Page - Samsung semiconductor S1L9223B01 Datasheet HTML 7Page - Samsung semiconductor S1L9223B01 Datasheet HTML 8Page - Samsung semiconductor S1L9223B01 Datasheet HTML 9Page - Samsung semiconductor S1L9223B01 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
S1L9223B01
RF AMP & SERVO SIGNAL PROCESSOR
6
PIN DESCRIPTION (Continued)
Pin No.
Symbol
Description
63
FEBIAS
Focus error bias voltage control pin
64
DVEE
The DVEE pin for logic circuit
65
PD1
The negative input pin of RF I/V amplifier1(A+C signal)
66
PD2
The negative input pin of RF I/V amplifier2(B+D signal)
67
F
The negative input pin of F I/V amplifier (F signal)
68
E
The negative input pin of E I/V amplifier (E signal)
69
PD
The input pin for APC
70
LD
The output pin for APC
71
VR
The output pin of (AVEE+AVCC)/2 voltage
72
VCC
VCC for RF part
73
RF-
RF summing amplifier inverting input pin
74
RFO
RF summing amplifier output pin
75
IRF
The input pin for AGC
76
EQO
The output pin for AGC
77
RFI
The input pin for EFM comparison
78
EQC
The capacitor connection pin for AGC
79
EI
Feedback input pin of E I/V amplifier for EF Balance control
80
GND
GND for RF part


Similar Part No. - S1L9223B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02-T0R0 SAMSUNG-S1L9223B02-T0R0 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L9223B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB9223 SAMSUNG-KB9223 Datasheet
614Kb / 34P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9226X SAMSUNG-S1L9226X Datasheet
454Kb / 56P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9225 SAMSUNG-S1L9225 Datasheet
623Kb / 60P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
logo
Rohm
BU9312AKS ROHM-BU9312AKS Datasheet
127Kb / 6P
   Servo signal processor for CD
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
CXA1182Q-Z SONY-CXA1182Q-Z Datasheet
1Mb / 28P
   Servo Signal Processor for CD Plaer
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com