Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # L3A
Description  Surface Mount Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L3A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  L3A Datasheet HTML 1Page - GOOD-ARK Electronics L3A Datasheet HTML 2Page - GOOD-ARK Electronics L3A Datasheet HTML 3Page - GOOD-ARK Electronics L3A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L1A thru L7A
Surface Mount Glass Passivated Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
1/4
2014.03-Rev.A
Features
• Glass passivated standard rectifiers
• Ideal for automated placement
Lf
d
lt
d
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies, and other consumer applications.
L1A
L2A
Symbol
L3A
L4A
L5A
L6A
L7A
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
L1A
L2A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL
Symbol
1.0
L3A
L4A
L5A
L6A
L7A
Parameter
Unit
IFSM
A
TJ, TSTG
°C
Operating junction and storage
temperature range
(S
Fi 1)
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated
load
30
- 55 to + 150
El t i l Ch
t i ti
Maximum
instantaneous forward
lt
1 A
VF
Volts
TA=25℃
TA=125℃
1.1
Maximum DC reverse
current at rated DC
IR
5
µA
50
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
L1A
L4A
L5A
L6A
L7A
Unit
L2A
L3A
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal
resistance
1)
juntion to mount
RθJM
℃/W
Note:1),The thermal resistance from junction to mount,mounted on P.C.B with 8×8mm copper pads,2 OZ,FR4 PCB
blocking voltage
10
50
Typical reverse
recovery time
trr
1.8
uS
6
www.goodark.com
1/4
2014.03-Rev.A


Similar Part No. - L3A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L3A41A104J4B2A AVX-L3A41A104J4B2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4B2F AVX-L3A41A104J4B2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4B4A AVX-L3A41A104J4B4A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4T2A AVX-L3A41A104J4T2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4T2F AVX-L3A41A104J4T2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
More results

Similar Description - L3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com