Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF3S Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # FF3S
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FF3S Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  FF3S Datasheet HTML 1Page - GOOD-ARK Electronics FF3S Datasheet HTML 2Page - GOOD-ARK Electronics FF3S Datasheet HTML 3Page - GOOD-ARK Electronics FF3S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FF1S thru FF7S
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
Package Outline Dimensions
Packing Information
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
Soldering footprint
DIM
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: mm
Unit: inch
www.goodark.com
3/4
2014.01-Rev.A


Similar Part No. - FF3S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FF3 GOOD-ARK-FF3 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Infineon Technologies A...
FF300R06KE3 INFINEON-FF300R06KE3 Datasheet
468Kb / 8P
   62mm C-Serien Modul mit Trench
2013-10-03 revision:3.0
logo
eupec GmbH
FF300R06KE3_B2 EUPEC-FF300R06KE3_B2 Datasheet
286Kb / 8P
   62mm C-Serien module with trench/fieldstop IGBT3, EmCon3 diode and M5 power terminals
logo
Infineon Technologies A...
FF300R06KE3_B2 INFINEON-FF300R06KE3_B2 Datasheet
468Kb / 8P
   62mm C-Serien Modul mit Trench
2013-10-03 revision:2.0
FF300R07KE4 INFINEON-FF300R07KE4 Datasheet
497Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-26 revision:2.0
More results

Similar Description - FF3S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com