Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKRE160E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKRE160E
Description  5mm height, 105?
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKRE160E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKRE160E Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
5mm height, 105
KRE
Series
・5mm height
・Endurance : 1,000 hours at 105℃
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
.
Capacitance change
Leakage current
Capacitance change
Leakage current
Characteristics
6.3V
0.27
6.3V
3
9
10V
0.23
10V
3
7
16V
0.19
16V
2
5
25V
0.15
25V
2
3
35V
0.13
35V
2
3
50V
0.11
50V
2
3
(at 120Hz)
6.3 to 50Vdc
-55 to +105
±20% (M)
(at 20
℃, 120Hz)
I=0.01CV or 3
µA, whichever is greater.
(at 20
℃ after 2 minutes)
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(tan
δ)
Rated voltage (Vdc)
(at 20
℃, 120Hz)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
at 105
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 1,000 hours
D.F. (tan
δ)
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
D.F. (tan
δ)
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
tan
δ(Max.)
◆DIMENSIONS [mm]
L'
15min.
4min.
Sleeve (PET : Brown)
Gas escape end seal
Terminal Code : E
(
φ4 toφ6.3)
F
L'
4
0.45
1.5
5
0.45
2.0
6.3
0.45
2.5
L+1.0max.
φD+0.5max.
φD
φd
φD'
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (radial lead type)"
Supplement code
Size code
Capacitance tolerance code
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,35V:350,50V:500)
Series code
Category
E K R E A A A E A A A A A
A A A N
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Capacitance code (ex. 10
µF:100,100µF:101)
◆STANDARD RATINGS
WV
Cap
Case size
Rated ripple
current
(mArms/
Part No.
6.3
10
16
25
WV
Cap
Case size
Rated ripple
current
(mArms/
Part No.
35
50
10
22
47
100
33
4.7
10
22
47
3.3
4.7
33
2.2
3.3
4.7
10
22
1.0
2.2
3.3
4.7
10
7.7
11
15
25
40
5.6
10
14
19
29
4
×5
4
×5
5
×5
6.3
×5
5
×5
4
×5
4
×5
5
×5
6.3
×5
4
×5
4
×5
6.3
×5
4
×5
4
×5
4
×5
5
×5
6.3
×5
4
×5
4
×5
4
×5
5
×5
6.3
×5
0.27
0.27
0.27
0.27
0.23
0.19
0.19
0.19
0.19
0.15
0.15
0.15
12
21
36
56
34
9.4
16
30
48
8.8
12
45
0.13
0.13
0.13
0.13
0.13
0.11
0.11
0.11
0.11
0.11
EKRE350E□□2R2MD05D
EKRE350E□□3R3MD05D
EKRE350E□□4R7MD05D
EKRE350E□□100ME05D
EKRE350E□□220MF05D
EKRE500E□□1R0MD05D
EKRE500E□□2R2MD05D
EKRE500E□□3R3MD05D
EKRE500E□□4R7ME05D
EKRE500E□□100MF05D
EKRE6R3E□□100MD05D
EKRE6R3E□□220MD05D
EKRE6R3E□□470ME05D
EKRE6R3E□□101MF05D
EKRE100E□□330ME05D
EKRE160E□□4R7MD05D
EKRE160E□□100MD05D
EKRE160E□□220ME05D
EKRE160E□□470MF05D
EKRE250E□□3R3MD05D
EKRE250E□□4R7MD05D
EKRE250E□□330MF05D
(Vdc)
(
µF)
φD×L(mm)
tan
δ
105
℃,120Hz)
(Vdc)
(
µF)
φD×L(mm)
tan
δ
105
℃,120Hz)
□□ : Enter the appropriate lead forming or taping code.
KRE
SRE P110
105
111
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKRE160E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKRE160ESS100MC05N CHEMI-CON-EKRE160ESS100MC05N Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRE160ESS150ME05D CHEMI-CON-EKRE160ESS150ME05D Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRE160ESS220ME05D CHEMI-CON-EKRE160ESS220ME05D Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRE160ESS470MF05D CHEMI-CON-EKRE160ESS470MF05D Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRE160ESS4R7MB05N CHEMI-CON-EKRE160ESS4R7MB05N Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKRE160E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKRE6R3E CHEMI-CON-EKRE6R3E Datasheet
277Kb / 1P
   5mm height, 105?
EKRE500E CHEMI-CON-EKRE500E Datasheet
277Kb / 1P
   5mm height, 105?
EKRE350E CHEMI-CON-EKRE350E Datasheet
277Kb / 1P
   5mm height, 105?
EKRE250E CHEMI-CON-EKRE250E Datasheet
277Kb / 1P
   5mm height, 105?
EKRE100E CHEMI-CON-EKRE100E Datasheet
277Kb / 1P
   5mm height, 105?
logo
Panasonic Semiconductor
ECE-A1CKG100 PANASONIC-ECE-A1CKG100 Datasheet
607Kb / 3P
   7mm height miniature size/105
logo
United Chemi-Con, Inc.
EKLM401 CHEMI-CON-EKLM401 Datasheet
314Kb / 1P
   15mm height snap-ins, 105?
EKLM161 CHEMI-CON-EKLM161 Datasheet
314Kb / 1P
   15mm height snap-ins, 105?
EKLM181 CHEMI-CON-EKLM181 Datasheet
314Kb / 1P
   15mm height snap-ins, 105?
EKLM201 CHEMI-CON-EKLM201 Datasheet
314Kb / 1P
   15mm height snap-ins, 105?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com