Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F57 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F57
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F57 Datasheet HTML 3Page - Microchip Technology PIC16F57 Datasheet HTML 4Page - Microchip Technology PIC16F57 Datasheet HTML 5Page - Microchip Technology PIC16F57 Datasheet HTML 6Page - Microchip Technology PIC16F57 Datasheet HTML 7Page - Microchip Technology PIC16F57 Datasheet HTML 8Page - Microchip Technology PIC16F57 Datasheet HTML 9Page - Microchip Technology PIC16F57 Datasheet HTML 10Page - Microchip Technology PIC16F57 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 5
PIC16F5X
1.0
GENERAL DESCRIPTION
The PIC16F5X from Microchip Technology is a family
of low-cost, high-performance, 8-bit, fully static, Flash-
based CMOS microcontrollers. It employs a RISC
architecture with only 33 single-word/single-cycle
instructions. All instructions are single cycle except for
program branches which take two cycles. The
PIC16F5X delivers performance an order of magnitude
higher than its competitors in the same price category.
The 12-bit wide instructions are highly symmetrical
resulting in 2:1 code compression over other 8-bit
microcontrollers in its class. The easy-to-use and easy-
to-remember instruction set reduces development time
significantly.
The PIC16F5X products are equipped with special
features that reduce system cost and power require-
ments. The Power-on Reset (POR) and Device Reset
Timer (DRT) eliminate the need for external Reset
circuitry. There are four oscillator configurations to
choose from, including the power-saving LP (Low
Power) oscillator and cost saving RC oscillator. Power-
saving Sleep mode, Watchdog Timer and code protec-
tion features improve system cost, power and reliability.
The PIC16F5X products are supported by a full-featured
macro assembler, a software simulator, a low-cost devel-
opment programmer and a full featured programmer. All
the tools are supported on IBMPC and compatible
machines.
1.1
Applications
The PIC16F5X series fits perfectly in applications rang-
ing from high-speed automotive and appliance motor
control to low-power remote transmitters/receivers,
pointing devices and telecom processors. The Flash
technology makes customizing application programs
(transmitter
codes,
motor
speeds,
receiver
frequencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make this microcontroller series perfect for
applications with space limitations. Low-cost, low-
power, high performance, ease of use and I/O flexibility
make the PIC16F5X series very versatile, even in
areas
where
no
microcontroller
use
has
been
considered before (e.g., timer functions, replacement
of “glue” logic in larger systems, co-processor
applications).
TABLE 1-1:
PIC16F5X FAMILY OF DEVICES
Features
PIC16F54
PIC16F57
PIC16F59
Maximum Operation Frequency
20 MHz
20 MHz
20 MHz
Flash Program Memory (x12 words)
512
2K
2K
RAM Data Memory (bytes)
25
72
134
Timer Module(s)
TMR0
TMR0
TMR0
I/O Pins
12
20
32
Number of Instructions
33
33
33
Packages
18-pin DIP, SOIC;
20-pin SSOP
28-pin DIP, SOIC;
28-pin SSOP
40-pin DIP, 44-pin TQFP
Note:
All PICmicro® Family devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect
and high I/O current capability.


Similar Part No. - PIC16F57

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F57 MICROCHIP-PIC16F57 Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
12/08/06
PIC16F57-E/P MICROCHIP-PIC16F57-E/P Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-E/PG MICROCHIP-PIC16F57-E/PG Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-E/SO MICROCHIP-PIC16F57-E/SO Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-E/SOG MICROCHIP-PIC16F57-E/SOG Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
More results

Similar Description - PIC16F57

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X_07 Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I-P MICROCHIP-PIC16F57-I-P Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
12/08/06
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_15 Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
logo
Microchip Technology
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16CR54C MICROCHIP-PIC16CR54C Datasheet
654Kb / 84P
   ROM-Based 8-Bit CMOS Microcontroller Series
1998
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com