Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1632DGN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632DGN
Description  High-Perfomance, Fully-Differential AUDIO OP AMP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1632DGN Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA1632DGN Datasheet HTML 4Page - Texas Instruments OPA1632DGN Datasheet HTML 5Page - Texas Instruments OPA1632DGN Datasheet HTML 6Page - Texas Instruments OPA1632DGN Datasheet HTML 7Page - Texas Instruments OPA1632DGN Datasheet HTML 8Page - Texas Instruments OPA1632DGN Datasheet HTML 9Page - Texas Instruments OPA1632DGN Datasheet HTML 10Page - Texas Instruments OPA1632DGN Datasheet HTML 11Page - Texas Instruments OPA1632DGN Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OPA1632
SBOS286 − DECEMBER 2003
www.ti.com
9
POWER DISSIPATION AND THERMAL
CONSIDERATIONS
The OPA1632 does not have thermal shutdown
protection. Take care to assure that the maximum
junction temperature is not exceeded. Excessive
junction temperature can degrade performance or
cause permanent damage. For best performance and
reliability, assure that the junction temperature does not
exceed 125
°C.
The thermal characteristics of the device are dictated
by the package and the circuit board. Maximum power
dissipation for a given package can be calculated using
the following formula:
P
Dmax
+
Tmax
* T
A
q
JA
Where:
PDmax is the maximum power dissipation in the
amplifier (W).
Tmax
is
the
absolute
maximum
junction
temperature (
_C).
TA is the ambient temperature (_C).
qJA = qJC + qCA.
qJC is the thermal coefficient from the silicon
junctions to the case (
_C/W).
qCA is the thermal coefficient from the case to
ambient air (
_C/W).
For systems where heat dissipation is more critical, the
OPA1632 is offered in an MSOP-8 with PowerPAD.
The thermal coefficient for the MSOP PowerPAD
(DGN) package is substantially improved over the
traditional SO package. Maximum power dissipation
levels are depicted in Figure 5 for the two packages.
The data for the DGN package assumes a board layout
that follows the PowerPAD layout guidelines.
MAXIMUM POWER DISSIPATION
vs AMBIENT TEMPERATURE
−40
−15
10
85
60
35
Ambient Temperature (
_C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
θ
JA = 170_ C/W for SO −8 (D)
θ
JA = 58.4_ C/W for M SOP−8 (DGN )
T
J = 150_ C
No Airflow
SO−8 (D) Package
MSOP−8 (DGN) Package
Figure 5. Maximum Power Dissipation vs Ambient
Temperature
(1)


Similar Part No. - OPA1632DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DGN TI-OPA1632DGN Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632DGN BURR-BROWN-OPA1632DGN Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632DGN TI1-OPA1632DGN Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
OPA1632DGN TI1-OPA1632DGN Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
OPA1632DGNG4 TI-OPA1632DGNG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
More results

Similar Description - OPA1632DGN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com