Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C668 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P89C668 Datasheet HTML 16Page - NXP Semiconductors P89C668 Datasheet HTML 17Page - NXP Semiconductors P89C668 Datasheet HTML 18Page - NXP Semiconductors P89C668 Datasheet HTML 19Page - NXP Semiconductors P89C668 Datasheet HTML 20Page - NXP Semiconductors P89C668 Datasheet HTML 21Page - NXP Semiconductors P89C668 Datasheet HTML 22Page - NXP Semiconductors P89C668 Datasheet HTML 23Page - NXP Semiconductors P89C668 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Philips Semiconductors
Preliminary data
P89C668
80C51 8-bit Flash microcontroller family
64KB ISP Flash with 8KB RAM
2001 Jul 27
20
PX0
IP (0B8H)
Priority Bit = 1 assigns high priority
Priority Bit = 0 assigns low priority
BIT
SYMBOL
FUNCTION
IP.7
PT2
Timer 2 interrupt priority bit.
IP.6
PPC
PCA interrupt priority bit
IP.5
PS1
Serial I/O1 (I2C) interrupt priority bit.
IP.4
PS0
Serial Port interrupt priority bit.
IP.3
PT1
Timer 1 interrupt priority bit.
IP.2
PX1
External interrupt 1 priority bit.
IP.1
PT0
Timer 0 interrupt priority bit.
IP.0
PX0
External interrupt 0 priority bit.
SU01461
PT0
PX1
PT1
PS0
PS1
PPC
PT2
0
1
2
3
4
5
6
7
Figure 11. IP Registers
PX0H
IPH (B7H)
Priority Bit = 1 assigns higher priority
Priority Bit = 0 assigns lower priority
BIT
SYMBOL
FUNCTION
IPH.7
PT2H
Timer 2 interrupt priority bit high.
IPH.6
PPCH
PCA interrupt priority bit
IPH.5
PS1H
Serial I/O (I2C) interrupt priority bit high.
IPH.4
PS0H
Serial Port interrupt priority bit high.
IPH.3
PT1H
Timer 1 interrupt priority bit high.
IPH.2
PX1H
External interrupt 1 priority bit high.
IPH.1
PT0H
Timer 0 interrupt priority bit high.
IPH.0
PX0H
External interrupt 0 priority bit high.
SU01462
PT0H
PX1H
PT1H
PS0H
PS1H
PPCH
PT2H
0
1
2
3
4
5
6
7
Figure 12. IPH Registers
ET2
IEN1 (E8H)
Priority Bit = 1 assigns higher priority
Priority Bit = 0 assigns lower priority
BIT
SYMBOL
FUNCTION
IEN1.7
IEN1.6
IEN1.5
IEN1.4
IEN1.3
IEN1.2
IEN1.1
IEN1.0
ET2
Timer 2 interrupt enable bit.
SU01095
0
1
2
3
4
5
6
7
Figure 13. IEN1 Registers


Similar Part No. - P89C668

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C668 PHILIPS-P89C668 Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
P89C668HBA PHILIPS-P89C668HBA Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C668HBBD PHILIPS-P89C668HBBD Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C668HFA PHILIPS-P89C668HFA Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
More results

Similar Description - P89C668

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C51RB2 PHILIPS-89C51RB2 Datasheet
289Kb / 52P
   80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
P89C669 PHILIPS-P89C669 Datasheet
827Kb / 33P
   80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
Rev. 02-13 November 2003
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com