Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR215 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR215
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR215 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CR215 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (V
CC + 0.3V)
CMOS/TTL Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short
Circuit Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation @ +25˚C
MTD48 (TSSOP) Package:
DS90CR215
1.98 W
DS90CR216
1.89 W
Package Derating
DS90CR215
16 mW/˚C above +25˚C
DS90CR216
15 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
> 7kV
Recommended Operating
Conditions
Min Nom Max Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40 +25 +85
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100 mV
PP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = −0.4 mA
2.7
3.3
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.06
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN =VCC, GND,
±5.1
±10
µA
2.5V or 0.4V
I
OS
Output Short Circuit Current
V
OUT = 0V
-60
−120
mA
LVDS DRIVER DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100
250
290
450
mV
∆V
OD
Change in V
OD between
Complimentary Output States
35
mV
V
OS
Offset Voltage (Note 4)
1.125
1.25
1.375
V
∆V
OS
Change in V
OSbetween
Complimentary Output States
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V,
−3.5
−5
mA
R
L = 100
I
OZ
Output TRI-STATE® Current
PWR DWN = 0V,
±1
±10
µA
V
OUT =0VorVCC
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
www.national.com
3


Similar Part No. - DS90CR215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR215 TI1-DS90CR215 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD TI1-DS90CR215MTD Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD TI1-DS90CR215MTD Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD/NOPB TI1-DS90CR215MTD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD/NOPB TI1-DS90CR215MTD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results

Similar Description - DS90CR215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216MTDX TI1-DS90CR216MTDX Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com