Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR213MTD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR213MTD
Description  21-Bit Channel Link??6 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR213MTD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CR213MTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR213MTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER SUPPLY CURRENT
I
CCRW
Receiver Supply Current
C
L = 8 pF,
f = 32.5 MHz
64
77
mA
Worst Case
Worst Case Pattern
f = 37.5 MHz
70
85
mA
(
Figure 1 and Figure 3 )f = 66 MHz
110
140
mA
I
CCRZ
Receiver Supply Current
Powerdown = Low
Power Down
Receiver Outputs in Previous State during
Power Down Mode.
110
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 5.0V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise speci-
fied (except VOD and ∆V OD).
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF)
PLL VCC ≥ 1000V
All Other Pins
≥ 2000V
EIAJ (0
Ω, 200 pF) ≥ 150V
Note 5: VOS previously referred as VCM.
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (
Figure 2 )
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (
Figure 2 )
0.75
1.5
ns
TCIT
TxCLK IN Transition Time (
Figure 4 )8
ns
TCCS
TxOUT Channel-to-Channel Skew (Note 6) (
Figure 5)
350
ps
TPPos0
Transmitter Output Pulse Position for Bit 0 (
Figure 16 )
f = 66 MHz
−0.30
0
0.30
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
1.70
(1/7)Tclk
2.50
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
3.60
(2/7)Tclk
4.50
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
5.90
(3/7)Tclk
6.75
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.30
(4/7)Tclk
9.00
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.40
(5/7)Tclk
11.10
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.70
(6/7)Tclk
13.40
ns
TCIP
TxCLK IN Period (
Figure 6 )
15
T
50
ns
TCIH
TxCLK IN High Time (
Figure 6 )
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (
Figure 6 )
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN (
Figure 6 )
5
3.5
ns
THTC
TxIN Hold to TxCLK IN (
Figure 6 )
2.5
1.5
ns
TCCD
TxCLK IN to TxCLK OUT Delay @25˚C, V
CC = 5.0V (Figure 8 )
3.5
8.5
ns
TPLLS
Transmitter Phase Lock Loop Set (
Figure 10 )10
ms
TPDD
Transmitter Powerdown Delay (
Figure 14 )
100
ns
Note 6: This limit based on bench characterization.
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (
Figure 3 )
2.5
4.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time (
Figure 3 )
2.0
4.0
ns
RSKM
RxIN Skew Margin (Note 7) V
CC = 5V,TA = 25˚C(Figure 17)f = 40 MHz
700
ps
f = 66 MHz
600
ps
PrintDate=1998/01/07 PrintTime=09:53:21 28561 ds012888 Rev. No. 5
cmserv
Proof
4
www.national.com
4


Similar Part No. - DS90CR213MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR213MTD TI-DS90CR213MTD Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR213MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
logo
National Semiconductor ...
DS90CR211 NSC-DS90CR211 Datasheet
255Kb / 14P
   21-Bit Channel Link
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
logo
Texas Instruments
DS90CR211MTDX TI1-DS90CR211MTDX Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
logo
National Semiconductor ...
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com