Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NW6003 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # NW6003
Description  TYPE II CALLER ID DECODER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

NW6003 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button NW6003 Datasheet HTML 3Page - Integrated Device Technology NW6003 Datasheet HTML 4Page - Integrated Device Technology NW6003 Datasheet HTML 5Page - Integrated Device Technology NW6003 Datasheet HTML 6Page - Integrated Device Technology NW6003 Datasheet HTML 7Page - Integrated Device Technology NW6003 Datasheet HTML 8Page - Integrated Device Technology NW6003 Datasheet HTML 9Page - Integrated Device Technology NW6003 Datasheet HTML 10Page - Integrated Device Technology NW6003 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
INDUSTRIAL TEMPERATURE RANGE
NW6003 TYPE II CALLER ID DECODER
FSK DEMODULATION
The key part among the functions offered by NW6003 is FSK
demodulation. This function is implemented by several stages: first,
the carrier detector provides an indication of the presence of signal at
the bandpass filter output; second, the device’s dual mode serial
interface allows convenient extraction of the 8-bit data words in the
demodulated FSK bit stream.
The FSK characteristics are different in BT and Bellcore
specifications. The BT’s signal frequencies correspond to ITU-T V.23;
the Bellcore frequencies correspond to Bell 202. The CCA requires
that TE be able to receive both ITU-T V.23 and Bell 202 signals. The
NW6003 is compatible with both formats. It also meets the signal
characteristics by setting the input op amp at unity gain in 5 V
operation.
The Dual Tone Alert Signal, speech and DTMF tones are in the
same frequency band as FSK, they will be demodulated and generate
false data. To avoid it, FSKEN pin is used to disable the FSK
modulation when FSK signal is not expected.
FSK CARRIER DETECTION
The carrier detector provides an indication of the presence of a
signal in the FSK frequency band. It detects the presence of a signal
of sufficient amplitude at the output of the FSK bandpass filter. If the
signal is qualified by a digital algorithm, the CD output becomes low to
indicate carrier detection. An 8 ms hysteresis is provided to allow for
momentary signal drop out once CD has been activated. And when
there is no activity at the FSK bandpass filter output for 8 ms, CD is
released.
When CD is inactive (high), the raw output of the FSK
demodulator is ignored by the FSK data output interface. In mode ‘0’,
the DATA pin is forced high. In mode ‘1’, the internal shift register is
not updated. No DR is generated. If DCLK is clocked, DATA is
undefined.
SERIAL FSK INTERFACE
The three wire DATA, DCLK and DR form the data interface of the
FSK demodulation. The DATA pin is the serial data pin that outputs
data to external devices. The DCLK pin is the data clock which is
generated by an external device. The DR pin is the data ready signal,
also an output from the NW6003 to external devices. This interface
provides the mechanism to extract the 8-bit data words in the
demodulated FSK bit stream. Two modes are selectable via control of
the device’s MODE pin: Mode ‘0’ (MODE pin is low), where data
transfer is initiated by the NW6003; Mode ‘1’ (MODE pin is high),
where the data transfer is initiated by an external microcontroller.
Mode ‘0’
In this mode, data transfer is initiated by the NW6003. The device
demodulates the incoming FSK signal, and output the data directly to
the DATA pin. Figure 24 shows the timing diagram of Mode ‘0’
operation.
Mode ‘1’
In this mode, the microcontroller supplies read pulses (DCLK) to
shift the 8-bit data words out of the NW6003, onto the DATA pin. The
NW6003 asserts DR to denote the word boundary and indicate to the
microprocessor that a new word has become available. Internal to the
device, the demodulated data bits are sampled and stored. After the
8th bit, the word is parallelly loaded into an 8-bit shift register and DR
goes low. The contents of shift register are shifted out to DATA pin on
DCLK’s rising edge with LSB (Least Significant Bit) out first. If DCLK
begins while DR is low, DR will return to high upon the first DCLK. This
feature allows the associated interrupt to be cleared by the first read
pulse. Otherwise, DR stays low for half a nominal bit time (1/2400 sec)
and then returns to high. After the last bit (Most Significant Bit) has
been read, additional DCLKs are ignored. Figure 22 shows the timing
diagram of Mode ‘1’ operation.
ITU-T V.23
Bell 202
Mark Freq. (‘1’)
1300 Hz
± 1.5%
1200 Hz
± 1%
Space Freq. (‘0’)
2100 Hz
± 1.5%
2200 Hz
± 1%


Similar Part No. - NW6003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
logo
Molex Electronics Ltd.
NW6005ASG MOLEX-NW6005ASG Datasheet
28Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Integrated Device Techn...
NW6006 IDT-NW6006 Datasheet
324Kb / 22P
   ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
NW6006-XS IDT-NW6006-XS Datasheet
324Kb / 22P
   ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
More results

Similar Description - NW6003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
Integrated Device Techn...
NW6006 IDT-NW6006 Datasheet
324Kb / 22P
   ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
   Type I and II caller ID decode
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
PCD5013 PHILIPS-PCD5013 Datasheet
270Kb / 76P
   FLEX roaming decoder II
1999 Apr 12
logo
Samsung semiconductor
S5T8701 SAMSUNG-S5T8701 Datasheet
506Kb / 70P
   FLEX ROAMING DECODER II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com