Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL37WZ04 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NL37WZ04
Description  Triple Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NL37WZ04 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
August, 2002 – Rev. 2
1
Publication Order Number:
NL37WZ04/D
NL37WZ04
Triple Inverter
The NL37WZ04 is a high performance triple inverter operating from
a 1.65 V to 5.5 V supply. High impedance TTL compatible inputs
significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance.
Extremely High Speed: t
PD 2.0 ns (typical) at VCC = 5 V
Designed for 1.65 V to 5.5 V V
CC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible – Interface Capability With 5 V TTL Logic with
VCC = 3 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Chip Complexity: FET = 72
VCC
IN A1
OUT Y3
GND
IN A2
OUT Y2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
IN A2
OUT Y2
OUT Y1
IN A1
1
2
3
8
7
6
OUT Y3
IN A3
IN A3
OUT Y1
4
5
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5
OUT Y3
OUT Y1
6
FUNCTION TABLE
L
H
A Input
Y Output
H
L
7
8
VCC
IN A3
OUT Y2
US8
US SUFFIX
CASE 493–01
8
1
1
8
L5 D
D = Date Code
http://onsemi.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn