Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR213 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR213
Description  21-Bit Channel Link??6 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR213 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90CR213 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR213 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Receiver Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
RCOP
RxCLK OUT Period (
Figure 7 )
15
T
50
ns
RCOH
RxCLK OUT High Time (
Figure 7 )f = 40 MHz
6
ns
f = 66 MHz
4.3
5
ns
RCOL
RxCLK OUT Low Time (
Figure 7 )f = 40 MHz
10.5
ns
f = 66 MHz
7.0
9
ns
RSRC
RxOUT Setup to RxCLK OUT (
Figure 7 )f = 40 MHz
4.5
ns
f = 66 MHz
2.5
4.2
ns
RHRC
RxOUT Hold to RxCLK OUT (
Figure 7 )f = 40 MHz
6.5
ns
f = 66 MHz
4
5.2
ns
RCCD
RxCLK IN to RxCLK OUT Delay @25˚C, V
CC = 5.0V (Figure 9 )
6.4
10.7
ns
RPLLS
Receiver Phase Lock Loop Set (
Figure 11 )10
ms
RPDD
Receiver Powerdown Delay (
Figure 15 )1
µs
Note 7: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account for transmitter output skew (TCCS)
and the setup and hold time (internal data sampling window), allowing LVDS cable skew dependent on type/length and source clock (TxCLK IN) jitter.
RSKM
≥ cable skew (type, length) + source clock jitter (cycle to cycle)
AC Timing Diagrams
DS012888-2
FIGURE 1. “Worst Case” Test Pattern
DS012888-3
DS012888-4
FIGURE 2. DS90CR213 (Transmitter) LVDS Output Load and Transition Times
DS012888-5
DS012888-6
FIGURE 3. DS90CR214 (Receiver) CMOS/TTL Output Load and Transition Times
5
www.national.com
PrintDate=1998/01/07 PrintTime=09:53:21 28561 ds012888 Rev. No. 5
cmserv
Proof
5


Similar Part No. - DS90CR213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR213 TI-DS90CR213 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
DS90CR213MTD TI-DS90CR213MTD Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
logo
National Semiconductor ...
DS90CR211 NSC-DS90CR211 Datasheet
255Kb / 14P
   21-Bit Channel Link
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
logo
Texas Instruments
DS90CR211MTDX TI1-DS90CR211MTDX Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
logo
National Semiconductor ...
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com