Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ48ADF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # P4SMAJ48ADF
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P4SMAJ48ADF Datasheet(HTML) 3 Page - Diodes Incorporated

  P4SMAJ48ADF Datasheet HTML 1Page - Diodes Incorporated P4SMAJ48ADF Datasheet HTML 2Page - Diodes Incorporated P4SMAJ48ADF Datasheet HTML 3Page - Diodes Incorporated P4SMAJ48ADF Datasheet HTML 4Page - Diodes Incorporated P4SMAJ48ADF Datasheet HTML 5Page - Diodes Incorporated P4SMAJ48ADF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P4SMAJ5.0ADF
– P4SMAJ85ADF
Document number: DS39017 Rev. 2 - 2
3 of 6
www.diodes.com
July 2016
© Diodes Incorporated
P4SMAJ5.0ADF
– P4SMAJ85ADF
Electrical Characteristics (Cont.) (@TA = +25°C, unless otherwise specified.)
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 9)
Test
Current
Max. Reverse
Leakage @
VRWM
Max. Clamping
Voltage @ IPP
(Note 10)
Max. Peak Pulse
Current
(Note 10)
Marking Code
VRWM (V)
Min (V) Max (V)
IT (mA)
IR (µA)
VC (V)
IPP (A)
P4SMAJ40ADF
40
44.4
49.1
1.0
1.0
64.5
6.2
JR
P4SMAJ43ADF
43
47.8
52.8
1.0
1.0
69.4
5.7
JT
P4SMAJ45ADF
45
50.0
55.3
1.0
1.0
72.7
5.5
JV
P4SMAJ48ADF
48
53.3
58.9
1.0
1.0
77.4
5.2
JX
P4SMAJ51ADF
51
56.7
62.7
1.0
1.0
82.4
4.9
JZ
P4SMAJ54ADF
54
60.0
66.3
1.0
1.0
87.1
4.6
RE
P4SMAJ58ADF
58
64.4
71.2
1.0
1.0
93.6
4.3
RG
P4SMAJ60ADF
60
66.7
73.7
1.0
1.0
96.8
4.1
RK
P4SMAJ64ADF
64
71.1
78.6
1.0
1.0
103
3.9
RM
P4SMAJ70ADF
70
77.8
86.0
1.0
1.0
113
3.5
RP
P4SMAJ75ADF
75
83.3
92.1
1.0
1.0
121
3.3
RR
P4SMAJ78ADF
78
86.7
95.8
1.0
1.0
126
2.2
RT
P4SMAJ85ADF
85
94.4
104
1.0
1.0
137
2.9
RV
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Figure 1 Power Dissipation vs. Ambient Temperature
0
25
75
175 200
100
0
10 X 1000 Waveform
as defined by REA
0
500
1000
1500
2000
2500
5
25
45
65
85
Note: f = 1MHz, T = 25C, V
= 0V dc
A
bias
V
, STANDOFF VOLTAGE (V)
WM
Figure 2 Typical Total Capacitance
Note: f = 1MHz, TA = 25°C, VBIAS = 0V DC


Similar Part No. - P4SMAJ48ADF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P4SMAJ48ADF DIODES-P4SMAJ48ADF Datasheet
461Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2019
P4SMAJ48ADF DIODES-P4SMAJ48ADF Datasheet
461Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2019
More results

Similar Description - P4SMAJ48ADF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com