Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1959041 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part No. MN1959041
Description  COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN1959041 Datasheet(HTML) 21 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MN1959041
21
SDM00008AEM
s Electrical Characteristics (continued)
5. AC Characteristics (continued)
3) Host interface timing (continued)
Figure 8. Host memory and register read timing
tHSA
NVCS
VA[11:0]
Read address
NVWE[1:0]
NVRE
VD[15:0]
Read data
tHHA
tHHD
tHDD
High
Hi-Z
Hi-Z
tHCWRH
tHCWRL
Figure 9. NVNMI interrupt input timing
Figure 10. NVNMI interrupt input timing
NVNMI
tIHH
tISL
NVIRQ[1:0]
tIHL
tISH
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Interrupt Input Timing
Low-level setup time after an NVNMI
tISL
VI = VDD or VSS ,3
6
cycle
rising edge
f
= 54 MHz,
High-level hold time after an NVNMI
tIHH
VDD = 2.9 V,
3
6
cycle
rising edge
VDDI = 1.8 V
High-level setup time after an NVIRQ
tISH
36
cycle
falling edge
Low-level hold time after an NVIRQ
tIHL
36
cycle
falling edge
4) Interrupt input timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn