Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1959041 Datasheet(PDF) 20 Page - Panasonic Semiconductor

Part No. MN1959041
Description  COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN1959041 Datasheet(HTML) 20 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MN1959041
20
SDM00008AEM
s Electrical Characteristics (continued)
5. AC Characteristics (continued)
3) Host interface timing
Figure 7. Host memory and register write timing
tHSD
VD[15:0]
VA[11:0]
Write address
Write data
NVCS
NVWE[1:0]
NVRE
tHHD
High
tHCWWH
tHCWWL
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Host Memory and Register Access Timing
Address and data setup time
tHSD
VI = VDD or VSS ,0

cycle
after NVCS and NVWE[1:0]
f
= 54 MHz,
go low
VDD = 2.9 V,
Period that NVCS and NVWE[1:0]
tHCWWL
VDDI = 1.8 V
4
5
cycle
are both low
Address and data hold time after
tHHD
0

cycle
NVCS and NVWE[1:0] go low
Period that NVCS and NVWE[1:0]
tHCWWH
12
cycle
are both high
Address setup time after NVCS
tHSR
0

cycle
and NVRE are both low
Period that NVCS and NVRE
tHCWRL
5
5.5
cycle
go low
Address hold time after NVCS and
tHHA
0

cycle
NVRE go low
Period that NVCS and NVRE are
tHCWRH
1
1.5
cycle
both high
Data output delay time after NVCS
tHDD

4
cycle
and NVRE go low
Data hold time after NVCS and
tHHD

1
cycle
NVRE go high


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn