Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1959041 Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part No. MN1959041
Description  COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN1959041 Datasheet(HTML) 16 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MN1959041
16
SDM00008AEM
s Electrical Characteristics (continued)
5. AC Characteristics
1) Video input interface timing
Note) 1. The stipulated values that follow are all design values. Note that the unit "cycle" in the table refers to one clock period of
internal operating frequency.
2. *: This must be used within
±1 of the typical value if at all possible.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Video Input Timing
YC data setup time from the VCKI
tVISD
VI = VDD or VSS ,1
12
cycle
rising edge *
f
= 54 MHz,
YC data hold time from the VCKI
tVIHD
VDD = 2.9 V,
5
12
cycle
rising edge *
VDDI = 1.8 V
VCKI low-level period
tVICWVL
12
cycle
VCKI high-level period
tVICWVH
12
cycle
VCKI frequency
tVICWV
24
cycle
Sync setup time from the VCKI
tVISS
212
cycle
rising edge *
Sync hold time from the VCKI
tVIHS
312
cycle
rising edge *
CAMCK output frequency
tVICWC
6
cycle
tVISD
YDI[7:0]
CDI[7:0]
VCKI
tVIHD
tVICWVL
tVICWV
tVICWVH
Figure 1. YC data input timing
Figure 2. Vsync and Hsync input timing
tVISS
NVDI
NHDI
VCKI
tVIHS
CAMCK
tVICWC
Figure 3. CAMCK output timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn