Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1959041 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part No. MN1959041
Description  COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN1959041 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MN1959041
14
SDM00008AEM
s Electrical Characteristics (continued)
4. DC Characteristics at VDD = 2.7 V to 3.1 V, VDDI = 1.65 V to 1.95 V, VSS = 0 V, fTEST = 54 MHz, Ta = -20°C to +70°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DRAM internal power supply
IDDDIO
VI = VDD or VSS ,
6.0
12.0
mA
operating supply current
f
= 54 MHz, V
DD = 2.9 V,
(Normal mode) *
VDDI = 1.8 V, VDDDRAMH = 3.3 V,
VDDDRAM = 1.8 V, outputs open
DRAM internal power supply
IDDDIO
VI = VDD or VSS ,
3.0
10.0
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Standby test mode)
VDDDRAM = 1.8 V, outputs open
DRAM internal power supply
IDDDIO
VI = VDD or VSS ,
25.0
50.0
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Dynamaic test mode)
VDDDRAM = 1.8 V, outputs open
DRAM internal power supply
IDDDIO
VI = VDD or VSS ,
25.0
50.0
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Page mode test mode)
VDDDRAM = 1.8 V, outputs open
DRAM internal power supply
IDDDIO
VI = VDD or VSS ,
3.0
15.0
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Self refre test mode)
VDDDRAM = 1.8 V, outputs open
Analog power supply operating
IDDAO
VI = VDD or VSS ,
0.5
1.0
mA
supply current
fin
= 76.8 kHz, V
DD = 2.9 V,
VDDI = 1.8 V, AVDD = 2.9 V,
outputs open
I/O power supply quiescent
IDDQO
VI = VDD or VSS ,
1
20.0
µA
supply current
f
= 0 MHz, V
DD = 2.9 V,
VDDI = 1.8 V, AVDD = 2.9 V,
outputs open
Analog power supply quiescent
IDDQAO
VI = VDD or VSS ,
1
20.0
µA
supply current
fin
= 0 kHz, V
DD = 2.9 V,
VDDI = 1.8 V, AVDD = 2.9 V,
outputs open
Note) *: Design value.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn