Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1959041 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part No. MN1959041
Description  COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN1959041 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MN1959041
13
SDM00008AEM
s Electrical Characteristics (continued)
2. Recommended Operating Conditions at VSS = 0 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
External supply voltage
VDD
2.7
2.9
3.1
V
Internal supply voltage
VDDI
1.65
1.8
1.95
V
DRAM supply voltage
VDD18D
1.65
1.8
1.95
V
DRAM step-up supply voltage
VDD33D
3.0
3.3
3.6
V
Analog supply voltage
AVDD
2.7
2.9
3.1
V
Ambient temperature
Ta
−20
70
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input pins
CIN
VDD = VDDI = VI = 0 V
78
pF
Output pins
COUT
f
= 1 MHz, T
a = 25°C
78
pF
I/O pins
CIO
78
pF
3. I/O Capacitances
4. DC Characteristics at VDD = 2.7 V to 3.1 V, VDDI = 1.65 V to 1.95 V, VSS = 0 V, fTEST = 54 MHz, Ta = -20°C to +70°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I/O power supply operating
IDDO
VI = VDD or VSS ,
4
12.0
mA
supply current
f
= 54 MHz, V
DD = 2.9 V,
VDDI = 1.8 V, outputs open
Internal power supply operation
IDDIO
VI = VDD or VSS ,
50
85.0
mA
supply current
f
= 54 MHz, V
DD = 2.9 V,
VDDI = 1.8 V, outputs open
DRAM 3.3 V power supply
IDDDO
VI = VDD or VSS ,
0.3
2.0
mA
operating supply
f
= 54 MHz, V
DD = 2.9 V,
current (Normal mode) *
VDDI = 1.8 V, VDDDRAMH = 3.3 V,
VDDDRAM = 1.8 V, outputs open
DRAM 3.3 V power supply
IDDDO
VI = VDD or VSS ,
0.3
4.1
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Standby test mode)
VDDDRAM = 1.8 V, outputs open
DRAM 3.3 V power supply
IDDDO
VI = VDD or VSS ,
1.3
5.7
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Dynamaic test mode)
VDDDRAM = 1.8 V, outputs open
DRAM 3.3 V power supply
IDDDO
VI = VDD or VSS ,
0.1
5.0
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Page mode test mode)
VDDDRAM = 1.8 V, outputs open
DRAM 3.3 V power supply
IDDDO
VI = VDD or VSS ,
0.3
4.4
mA
operating supply current
f
= 30 MHz, V
DDDRAMH = 3.3 V,
(Self refre test mode)
VDDDRAM = 1.8 V, outputs open
Note) *: Design value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn