Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN1959041 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part No. MN1959041
Description  COMMERCIAL MPEG-4 VIDEO CODEC IC FOR W-CDMA MOBILE VISUAL TERMINALS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN1959041 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MN1959041
9
SDM00008AEM
s Pin Arrangement
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
NC
NC
VTRWEN
NYGCMD
NPLLRST
CFO
VCOI
PTESTDRAM0
NTDRAM
TESTMODE0
TESTMODE3
TEST3
TEST6
TEST7
NC
NC
IN/OUT
IN
IN
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
16
NC
NC
VTDI
VTSTMD
PLLEN
VMCK
MINTEST
PSCMR
PTESTDRAM1
TESTER
TESTMODE2
TEST2
TEST5
TEST8
NC
NC
IN/OUT
IN
IN
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
15
VST1
VST2
VTCK
VTDO
NPLLEN
VSS
VSS
AVDD
VSS
VSS
TESTMODE1
TEST1
TEST4
YD10
YD11
YD12
OUT
OUT
IN/OUT
OUT
IN
GND
GND
2.9 V
GND
GND
IN
OUT
OUT
IN
IN
IN
14
VST0
VHOLD
NVBTRO
VSS
VSS
VSS
VSS
AVSS
VSS
VSSDRAM
VSS
VSS
VSSDRAM
YD13
YD14
YD15
OUT
IN
IN
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
IN
IN
IN
13
NVNMI
NVIRQ1
NVIRQ0
VSS
VSS
NC
NC
NC
NC
NC
NC
VSS
VSS
YD16
YD17
CD10
IN
IN
IN
GND
GND
GND
GND
IN
IN
IN
12
NVRST
NVRE
NVWE1
VSS
NC
NC
NC
NC
NC
NC
NC
NC
VSS
CD11
CD12
CD13
IN
IN
IN
GND
GND
IN
IN
IN
11
NVWE0
TEST0
VPIO3
VSS
NC
NC
NC
NC
NC
NC
NC
NC
VSSDRAM
CD14
CD15
CD16
IN
OUT
IN/OUT
GND
GND
IN
IN
IN
10
VPIO2
VPIO1
VPIO0
VSS
NC
NC
NC
NC
NC
NC
NC
NC
VSSDRAM
CD17
NVDI
NHDI
IN/OUT
IN/OUT
IN/OUT
GND
GND
IN
IN
IN
9
VD15
VD14
VD13
VDD
NC
NC
NC
NC
NC
NC
NC
NC
VDDH
VCKI
CIFRQ
CAMCK
IN/OUT
IN/OUT
IN/OUT
1.8 V
2.9 V
IN
OUT
OUT
8
VD12
VD11
VD10
VDD
NC
NC
NC
NC
NC
NC
NC
NC
VDDH
LRDO0
LRDO1
LRDO2
IN/OUT
IN/OUT
IN/OUT
1.8 V
2.9 V
OUT
OUT
OUT
7
VD9
VD8
VD7
VDD
NC
NC
NC
NC
NC
NC
NC
NC
VDDH
LRDO3
LRDO4
LRDO5
IN/OUT
IN/OUT
IN/OUT
1.8 V
2.9 V
OUT
OUT
OUT
6
VD6
VD5
VD4
VDD
VDD
NC
NC
NC
NC
NC
NC
VDDH
VDDH
LGDO0
LGDO1
LGDO2
IN/OUT
IN/OUT
IN/OUT
1.8 V
1.8 V
2.9 V
2.9 V
OUT
OUT
OUT
5
VD3
VD2
VD1
VDD
VDDDRAM
VDDDRAM
VDDDRAMH
VDDDRAMH
VDDH
VDDH
VDDH
VDDH
VDDH
LGDO3
LGDO4
LGDO5
IN/OUT
IN/OUT
IN/OUT
1.8 V
1.8 V
1.8 V
3.3 V
3.3 V
2.9 V
2.9 V
2.9 V
2.9 V
2.9 V
OUT
OUT
OUT
4
VDO
VA11
VA10
VA6
VA3
VDDDRAM
VDDDRAM
VDDDRAMH
VDDH
VDDH
VDDH
NLVSYNCO
LBDO5
LBDO2
LBDO1
LBDO0
IN/OUT
IN
IN
IN
IN
1.8 V
1.8 V
3.3 V
2.9 V
2.9 V
2.9 V
OUT
OUT
OUT
OUT
OUT
3
NC
NC
VA9
VA7
VA4
VA1
NVCS
PI0
I2CSD
PO0
LHVALIDO
NLHSYNCO
LVCKO
LBDO3
NC
NC
IN
IN
IN
IN
IN
IN
IN/OUT
OUT
OUT
OUT
OUT
OUT
2
NC
NC
NC
VA8
VA5
VA2
VA0
PI1
I2CSCKI
PO1
NYRESETO
LVVALIDO
VFLG
LBDO4
NC
NC
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn