Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

509FXE-N-XX-YY Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 509FXE-N-XX-YY
Description  Unmanaged Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

509FXE-N-XX-YY Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  509FXE-N-XX-YY Datasheet HTML 1Page - Red Lion Controls. Inc 509FXE-N-XX-YY Datasheet HTML 2Page - Red Lion Controls. Inc 509FXE-N-XX-YY Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
509FX-A Industrial Ethernet Switch
N-Tron Networking Series
Unmanaged Industrial Ethernet Switch
ADVANCED MANAGEMENT FEATURES
The 509FX-Aoffers several management functions that can be easily congured
using the COM Port (DB 9 connector located on the right side of the switch).
IGMP Snooping: Internet Group Management Protocol allows the N-Tron switch
to intelligently forward and lter multicast trafc.
VLAN: Virtual Local Area Network allows switch segmentation in order to create
two or more separate local area network domains.
QoS: Quality of Service streamlines network operation by managing packet
priority. The primary goal of QoS is to improve the latency of prioritized Ethernet
packets required for ring management, real-time and other interactive applications.
Trunking: Trunking (aggregation) enables multiple physical ports to be linked
together and function as one uplink to another identically congured trunking-
capable switch. This feature increases the bandwidth between switches and
creates redundancy for applications requiring high levels of fault tolerant operation.
Port Mirroring: Port mirroring allows trafc on one port to be duplicated and
sent to a designated mirror port. This function can be used to monitor Ethernet
trafc on the designated source port using the assigned mirror port.
N-View OPC Switch Monitoring: (With -A or -N Option Only) N-View OPC
server software can be used with popular HMI software packages to transmit
operational information from N-View-capable switches. This technology enables
network trafc monitoring, as well as alarm and trending details. In all, the N-View
OPC Server collects 41 different trafc variables per port and ve system level
variables per switch, providing a complete overview of network load, service
quality, and packet trafc. Empowered with N-View OPC Server data, users can
resolve network problems faster and make more informed decisions about overall
system performance.
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
509FX-A
PRODUCT FEATURES
• Full IEEE 802.3 and 1613 Compliance
• NEMA TS1/TS2 Compliance
• American Bureau of Shipping (ABS) Type Approval
• Eight (8) 10/100 BaseTX RJ-45 Ports
• One (1) 100BaseFX Port, ST (shown) or SC
• -40ºC to 85ºC Operating Temperature
• Auto Sensing 10/100BaseTX, Duplex, and MDIX
• Store-and-Forward Technology
• Up to 1.8 Gb/s MaximumThroughput
• Rugged Industrial DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• Bi-Color LEDs For Link, Speed, Activity & Duplex Status
Advanced Management Functions (With -A option only):
• IGMP Snooping
• VLAN
• QoS
• Trunking and Mirroring
• N-View(Remote Monitoring Using OPC Technology)
PRODUCT OVERVIEW
The N-TRON® 509FX Series Industrial Ethernet Switch offers outstanding
performance and ease of use. It is ideally suited for connecting Ethernet enabled
industrial and/or security equipment and can be optionally congured with advanced
Ethernet communication management functions.
Industrial Packaging and Specications
The 509FX, designed to operate in industrial environments, is housed in a rugged
DIN-rail-mounted steel enclosure. Optional panel and rack mount kits are also
available. The switch comes standard with extended temperature rating, extended
shock and vibration specs, redundant power inputs, and a high MTBF (greater
than 2M hours).
Ease of Use
The 509FX requires no setup unless the advanced port functions are utilized. The
eight 10/100BaseTX ports are auto sensing and auto conguring. Each copper port
automatically negotiates for maximum speed and performance by default. The ber
optic port supports full 200Mb/s communications via 100BaseFX. Bi-color LEDs
are provided to display the link status, link speed and activity of each port as well
as power on/off status.
Performance
The 509FX supports up to 4,000 MAC addresses and uses advanced IEEE 802.3
Fast Ethernet 10/100BaseTX switching technology to eliminate network collisions
and increase network determinism. A high-speed processor and backplane allow
full-wire speed capability on all ports simultaneously.


Similar Part No. - 509FXE-N-XX-YY

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5090 POMONA-5090 Datasheet
38Kb / 1P
   Adapter BNC (F) To 2 Lug Triaxial (M)
logo
Schurter Inc.
5091 SCHURTER-5091 Datasheet
371Kb / 5P
   IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091 SCHURTER-5091 Datasheet
426Kb / 3P
   IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091 SCHURTER-5091 Datasheet
372Kb / 5P
   IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
05.01.2022
5091 SCHURTER-5091 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results

Similar Description - 509FXE-N-XX-YY

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
304TX REDLION-304TX Datasheet
764Kb / 3P
   Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
   Unmanaged Industrial Ethernet Switch
524TX REDLION-524TX Datasheet
498Kb / 3P
   Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
   Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
   Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
   Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
   Unmanaged Industrial Ethernet Switch
105FX REDLION-105FX Datasheet
703Kb / 3P
   Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com