Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

508FX2-A-XX Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # 508FX2-A-XX
Description  Industrial Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

508FX2-A-XX Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  508FX2-A-XX Datasheet HTML 1Page - Red Lion Controls. Inc 508FX2-A-XX Datasheet HTML 2Page - Red Lion Controls. Inc 508FX2-A-XX Datasheet HTML 3Page - Red Lion Controls. Inc 508FX2-A-XX Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
508FX2 Industrial Ethernet Switch Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0364 100913 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
508FX2-A-XX ............................................ 8-port (6 10/100BaseTX, 2 100BaseFX Fiber Uplink, Multimode) Industrial Ethernet Switch, DIN-Rail
with Advanced Management Features (includes N-View)
508FXE2-A-XX-YY.................................... 8-port (6 10/100BaseTX, 2 100BaseFX Fiber Uplink, Singlemode) Industrial Ethernet Switch, DIN-Rail
with Advanced Management Features (includes N-View)
508FX2-N-XX ............................................ 8-port (6 10/100BaseTX, 2 100BaseFX Fiber Uplink, Multimode) Industrial Ethernet Switch, DIN-Rail
with N-View OPC switch monitoring
508FXE2-N-XX-YY.................................... 8-port (6 10/100BaseTX, 2 100BaseFX Fiber Uplink, Singlemode) Industrial Ethernet Switch, DIN-Rail
with N-View OPC switch monitoring
508FX2-XX................................................ 8-port (6 10/100BaseTX, 2 100BaseFX Fiber Uplink, Multimode) Industrial Ethernet Switch, DIN-Rail
508FXE2-XX-YY........................................ 8-port (6 10/100BaseTX, 2 100BaseFX Fiber Uplink, Singlemode) Industrial Ethernet Switch, DIN-Rail
NTPS-24-1.3.............................................. N-Tron Power Supply (1.3 amp @ 24 VDC)
900-PM...................................................... Panel Mount Kit - converts switch from DIN-rail to panel mount.
URMK........................................................ Universal Rack Mount Kit
500-UTA89 ................................................ Metal DIN-Rail Clip
Where:
A = Advanced Management Features (includes N-View)
N = N-View OPC Switch Monitoring
E = Singlemode
XX = ST for ST style ber connector, SC for SC style ber connector
YY = Segment length:
15 for 15km max. ber segment length
40 for 40km max. ber segment length
80 for 80km max. ber segment length
508FX2
® 2011 N-TRON Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identication purposes only and may
be trademarks and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no
warranties as to the tness or suitability of any N-Tron product for any specic application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or
misuse of this product. Specications subject to change without notice. REV 2011.05.26
please visit us worldwide at www.n-tron.com
N-TRON USA & Corporate Headquarters
820 S. University Blvd • Suite 4E
Mobile, AL 36609 • USA
Phone +1-251-342-2164
Fax
+1-251-342-6353
www.n-tron.com
N-TRON ASIA PACIFIC
CHINA
Phone
+86 (0) 21-6113-3688
Fax
+86 (0) 21-6113-3683
INDIA
Phone
+91-9844-876540
SINGAPORE
Phone
+65-8118-6821
N-TRON EMEA
Phone +41-41-740-6636
Fax
+41-41-740-6637
N-TRON UK/IRELAND/NORDIC/BENELUX
Phone +44 (0) 1928-577257


Similar Part No. - 508FX2-A-XX

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
508 MARL-508 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
logo
Aries Electronics, Inc.
508 ARIES-508 Datasheet
814Kb / 1P
   Compatible with Automatic Insertion Equipment
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
logo
Marl International Limi...
508-501-04 MARL-508-501-04 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-04 MARL-508-501-04 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 508FX2-A-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
Red Lion Controls. Inc
708TX REDLION-708TX Datasheet
777Kb / 3P
   Industrial Ethernet Switch
306FX2 REDLION-306FX2 Datasheet
443Kb / 3P
   Unmanaged Industrial Ethernet Switch
106FX2 REDLION-106FX2 Datasheet
834Kb / 3P
   Unmanaged Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
   Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
   Managed Industrial Ethernet Switch
317FX REDLION-317FX Datasheet
453Kb / 3P
   Unmanaged Industrial Ethernet Switch
111FX3 REDLION-111FX3 Datasheet
724Kb / 3P
   Unmanaged Industrial Ethernet Switch
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
   Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com