Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR211 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR211
Description  21-Bit Channel Link
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR211 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS90CR211 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 9Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 10Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 11Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 12Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 13Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information (Continued)
to the layout of differential lines. Lines of a differential pair
should always be adjacent to eliminate noise interference
from other signals and take full advantage of the noise can-
celing of the differential signals. The board designer should
also try to maintain equal length on signal traces for a given
differential pair. As with any high speed design, the imped-
ance discontinuities should be limited (reduce the numbers
of vias and no 90 degree angles on traces). Any discontinui-
ties which do occur on one signal line should be mirrored in
the other line of the differential pair. Care should be taken to
ensure that the differential trace impedance match the differ-
ential impedance of the selected physical media (this imped-
ance should also match the value of the termination resistor
that is connected across the differential pair at the receiver’s
input). Finally, the location of the CHANNEL LINK TxOUT/
RxIN pins should be as close as possible to the board edge
so as to eliminate excessive pcb runs. All of these consider-
ations will limit reflections and crosstalk which adversely ef-
fect high frequency performance and EMI.
UNUSED INPUTS: All unused inputs at the TxW inputs of
the transmitter must be tied to ground. All unused outputs at
the RxOUT outputs of the receiver must then be left floating.
TERMINATION: Use of current mode drivers requires a ter-
minating resistor across the receiver inputs. The CHANNEL
LINK chipset will normally require a single 100
Ω resistor be-
tween the true and complement lines on each differential
pair of the receiver input. The actual value of the termination
resistor should be selected to match the differential mode
characteristic impedance (90
Ω to 120Ω typical) of the cable.
Figure 18 shows an example. No additional pull-up or
pull-down resistors are necessary as with some other differ-
ential technologies such as PECL. Surface mount resistors
are recommended to avoid the additional inductance that ac-
companies leaded resistors. These resistors should be
placed as close as possible to the receiver input pins to re-
duce stubs and effectively terminate the differential lines.
DECOUPLING CAPACITORS: Bypassing capacitors are
needed to reduce the impact of switching noise which could
limit performance. For a conservative approach three
parallel-connected decoupling capacitors (Multi-Layered Ce-
ramic type in surface mount form factor) between each V
CC
and the ground plane(s) are recommended. The three ca-
pacitor values are 0.1 µF, 0.01µF and 0.001 µF. An example
is shown in
Figure 19. The designer should employ wide
traces for power and ground and ensure each capacitor has
its own via to the ground plane. If board space is limiting the
number of bypass capacitors, the PLL V
CC should receive
the most filtering/bypassing. Next would be the LVDS V
CC
pins and finally the logic V
CC pins.
CLOCK JITTER: The CHANNEL LINK devices employ a
PLL to generate and recover the clock transmitted across the
LVDS interface. The width of each bit in the serialized LVDS
data stream is one-seventh the clock period. For example, a
40 MHz clock has a period of 25 ns which results in a data bit
width of 3.57 ns. Differential skew (
∆t within one differential
pair), interconnect skew (
∆t of one differential pair to an-
other) and clock jitter will all reduce the available window for
sampling the LVDS serial data streams. Care must be taken
to ensure that the clock input to the transmitter be a clean
low noise signal. Individual bypassing of each V
CC to ground
will minimize the noise passed on to the PLL, thus creating a
low jitter LVDS clock. These measures provide more margin
for channel-to-channel skew and interconnect skew as a part
of the overall jitter/skew budget.
DS012637-20
FIGURE 18. LVDS Serialized Link Termination
DS012637-21
FIGURE 19. CHANNEL LINK
Decoupling Configuration
www.national.com
11


Similar Part No. - DS90CR211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR211 TI1-DS90CR211 Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
DS90CR211MTDX TI1-DS90CR211MTDX Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
More results

Similar Description - DS90CR211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR213 NSC-DS90CR213 Datasheet
264Kb / 14P
   21-Bit Channel Link??6 MHz
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
DS90CR211MTDX TI1-DS90CR211MTDX Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
logo
National Semiconductor ...
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com