Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2902A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LM2902A
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902A Datasheet(HTML) 2 Page - Diodes Incorporated

  LM2902A Datasheet HTML 1Page - Diodes Incorporated LM2902A Datasheet HTML 2Page - Diodes Incorporated LM2902A Datasheet HTML 3Page - Diodes Incorporated LM2902A Datasheet HTML 4Page - Diodes Incorporated LM2902A Datasheet HTML 5Page - Diodes Incorporated LM2902A Datasheet HTML 6Page - Diodes Incorporated LM2902A Datasheet HTML 7Page - Diodes Incorporated LM2902A Datasheet HTML 8Page - Diodes Incorporated LM2902A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM2902/ LM2902A/ LM2904/ LM2904A
Document number: DS36780 Rev. 3 - 2
2 of 15
www.diodes.com
May 2016
© Diodes Incorporated
LM2902/ LM2902A/ LM2904/ LM2904A
Schematic Diagram
Q2
Q4
Q3
Q1
Q8
Q9
6
A
4
A
Q10
Q11
50
A
Q5
Q6
Q13
Rsc
Cc
100
A
Q7
INPUTS
+
-
OUTPUT
Q12
VCC
Functional Block Diagram of LM2902/ 2902A/ 2904/ 2904A
(Each Amplifier)
Pin Descriptions
LM2902, LM2902A
Pin Name
Pin #
Function
1OUT
1
Channel 1 Output
1IN-
2
Channel 1 Inverting Input
1IN+
3
Channel 1 Non-Inverting Input
VCC
4
Chip Supply Voltage
2IN+
5
Channel 2 Non-Inverting Input
2IN-
6
Channel 2 Inverting Input
2OUT
7
Channel 2 Output
3OUT
8
Channel 3 Output
3IN-
9
Channel 3 Inverting Input
3IN+
10
Channel 3 Non-Inverting Input
GND
11
Ground
4IN+
12
Channel 4 Non-Inverting Input
4IN-
13
Channel 4 Inverting Input
4OUT
14
Channel 4 Output
LM2904, LM2904A
1OUT
1
Channel 1 Output
1IN-
2
Channel 1 Inverting Input
1IN+
3
Channel 1 Non-Inverting Input
GND
4
Ground
2IN+
5
Channel 2 Non-Inverting Input
2IN-
6
Channel 2 Inverting Input
2OUT
7
Channel 2 Output
VCC
8
Chip Supply Voltage


Similar Part No. - LM2902A

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902A-SR 3PEAK-LM2902A-SR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902A-TR 3PEAK-LM2902A-TR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902AL1-SR 3PEAK-LM2902AL1-SR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
logo
Diodes Incorporated
LM2902AQ DIODES-LM2902AQ Datasheet
841Kb / 16P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - LM2902A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Diodes Incorporated
LM2902Q DIODES-LM2902Q Datasheet
841Kb / 16P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com