Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZTA42Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZTA42Q
Description  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42Q Datasheet(HTML) 2 Page - Diodes Incorporated

  DZTA42Q Datasheet HTML 1Page - Diodes Incorporated DZTA42Q Datasheet HTML 2Page - Diodes Incorporated DZTA42Q Datasheet HTML 3Page - Diodes Incorporated DZTA42Q Datasheet HTML 4Page - Diodes Incorporated DZTA42Q Datasheet HTML 5Page - Diodes Incorporated DZTA42Q Datasheet HTML 6Page - Diodes Incorporated DZTA42Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DZTA42Q
Datasheet Number: DS38748 Rev. 1 - 2
2 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DZTA42Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
500
mA
Base Current
IB
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
2
W
(Note 7)
1
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
62
°C/W
(Note 7)
125
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
19.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the collector lead on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR-4 PCB; device is measured
under still air conditions whilst operating in a steady-state.
7. Same as note (6), except mounted on minimum recommended pad (MRP) layout.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - DZTA42Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZTA42 DIODES-DZTA42 Datasheet
239Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Similar Description - DZTA42Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com