Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM3A25P20NFDB Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DTM3A25P20NFDB
Description  25V PNP LOW SAT TRANSISTOR WITH N-CHANNEL MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DTM3A25P20NFDB Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DTM3A25P20NFDB Datasheet HTML 2Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 3Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 4Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 5Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 6Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 7Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 8Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 9Page - Diodes Incorporated DTM3A25P20NFDB Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DTM3A25P20NFDB
Datasheet Number: DS38017 Rev.1 - 2
6 of 10
www.diodes.com
January 2016
© Diodes Incorporated
DTM3A25P20NFDB
Typical Electrical Characteristics
– MOS N-Channel (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 12)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
100
nA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
1.0
µA
VGS = V, VDS = 0V
ON CHARACTERISTICS (Note 12)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
0.3
0.4
VGS = 4.5V, ID = 600mA
0.4
0.5
VGS = 2.5V, ID = 500mA
0.5
0.7
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
YFS
1.4
S
VDS = 10V, ID = 400mA
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, ID = 150mA
DYNAMIC CHARACTERISTICS (Note 13)
Input Capacitance
Ciss
60.67
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
9.68
pF
Reverse Transfer Capacitance
Crss
5.37
pF
Total Gate Charge
QG

736.6
pC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-to-Source Charge
QGS

93.6
pC
Gate-to-Drain Charge
QGD

116.6
pC
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(on)
5.1
ns
VDD = 10V, VGS = 4.5V,
RL = 47Ω, RG = 10Ω,
ID = 200mA
Rise Time
tr
7.4
Turn-Off Delay Time
td(off)
26.7
Fall Time
tf

12.3

Notes:
12. Short duration pulse test used to minimize self-heating effect.
13. Guaranteed by design. Not subject to production testing.


Similar Part No. - DTM3A25P20NFDB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DTM300PW120D1 TDK-DTM300PW120D1 Datasheet
199Kb / 2P
   AC-DC Power Supplies
DTM300PW120D2 TDK-DTM300PW120D2 Datasheet
199Kb / 2P
   AC-DC Power Supplies
DTM300PW150D1 TDK-DTM300PW150D1 Datasheet
199Kb / 2P
   AC-DC Power Supplies
DTM300PW150D2 TDK-DTM300PW150D2 Datasheet
199Kb / 2P
   AC-DC Power Supplies
DTM300PW190D1 TDK-DTM300PW190D1 Datasheet
199Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - DTM3A25P20NFDB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1121 ONSEMI-2SB1121 Datasheet
189Kb / 4P
   Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
logo
Diodes Incorporated
ZXTP749F DIODES-ZXTP749F_16 Datasheet
390Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
   25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
   25V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com