Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH10H015LPS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH10H015LPS
Description  100V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015LPS Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH10H015LPS Datasheet HTML 1Page - Diodes Incorporated DMTH10H015LPS Datasheet HTML 2Page - Diodes Incorporated DMTH10H015LPS Datasheet HTML 3Page - Diodes Incorporated DMTH10H015LPS Datasheet HTML 4Page - Diodes Incorporated DMTH10H015LPS Datasheet HTML 5Page - Diodes Incorporated DMTH10H015LPS Datasheet HTML 6Page - Diodes Incorporated DMTH10H015LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMTH10H015LPS
Document number: DS38713 Rev. 2 - 2
5 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMTH10H015LPS
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
JC
JC
R
= 1.5°C/W
JC
Duty Cycle, D = t1/ t2
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance


Similar Part No. - DMTH10H015LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H015LK3 DIODES-DMTH10H015LK3 Datasheet
394Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH10H015LK3 DIODES-DMTH10H015LK3 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
394Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH10H015LK3 DIODES-DMTH10H015LK3_17 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH10H015LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH4011SPS DIODES-DMNH4011SPS Datasheet
380Kb / 7P
   40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMN10H099SFGQ DIODES-DMN10H099SFGQ Datasheet
285Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI®
January 2015 Rev. 1 - 2
DMG7410SFGQ DIODES-DMG7410SFGQ Datasheet
509Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
December 2014 Rev. 1 - 2
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMN6013LFGQ DIODES-DMN6013LFGQ Datasheet
521Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
642Kb / 7P
   30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com