Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT10H015LCG-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMT10H015LCG-13
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT10H015LCG-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMT10H015LCG-13 Datasheet HTML 1Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 2Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 3Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 4Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 5Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 6Page - Diodes Incorporated DMT10H015LCG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMT10H015LCG
Document number: DS38362 Rev. 3 - 2
6 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT10H015LCG
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3333-8 (Type B)
V-DFN3333-8
(Type B)
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
--
--
0.203
b
0.27
0.37
0.32
D
3.25
3.35
3.30
D2
2.17
2.37
2.27
E
3.25
3.35
3.30
E2
1.85
2.05
1.95
e
--
--
0.65
k
--
--
0.33
L
0.35
0.45
0.40
L1
--
--
0.34
z
--
--
0.515
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3333-8 (Type B)
Dimensions
Value (in mm)
C
0.650
C1
1.950
G
0.650
X
0.420
X1
2.370
Y
0.700
Y1
0.400
Y2
2.150
Y3
0.450
L1
k
A
A1
A3
D
E
e
b
L
E2
D2
z
Seating Plane
Y2
X1
Y3
Y1
G
C
C1
X
Y


Similar Part No. - DMT10H015LCG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT10H015LFG DIODES-DMT10H015LFG Datasheet
530Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG DIODES-DMT10H015LFG Datasheet
535Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG-13 DIODES-DMT10H015LFG-13 Datasheet
530Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG-13 DIODES-DMT10H015LFG-13 Datasheet
535Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LFG-7 DIODES-DMT10H015LFG-7 Datasheet
530Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT10H015LCG-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com